Electronic Components Datasheet Search
  English  ▼

X  

ADT40C80X Datasheet(PDF) 5 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # ADT40C80X
Description  3 Quadrants Triacs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

ADT40C80X Datasheet(HTML) 5 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  ADT40C80X Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT40C80X Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT40C80X Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT40C80X Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT40C80X Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT40C80X Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
 
 
                                     ADT40C60X/80X
 
5 / 6
www.advsemi.com
Feb,2013 -Rev.3.02
ADV
PACKAGE MECHANICAL DATA
TO-3PX
Package Dimension
Making Diagram
Ordering information
Part number
Package
Marking
Packing
Quantity
ADT40C60XB
TO-3PX
ADT40C60XB
Tube
30pcs
ADT40C80XB
TO-3PX
ADT40C80XB
Tube
30pcs
Note:B = Gate Trigger Current Sensitivity and type
Symbol
Dimensions ln
Millimeters
Dimensions ln
lnches
Min
Max
Min
Max
A
4.40
4.60
0.173
0.181
B
1.45
1.55
0.057
0.061
C
14.35
15.60
0.565
0.614
D
0.50
0.70
0.020
0.028
E
2.70
2.90
0.106
0.114
F
15.80
16.50
0.622
0.650
G
20.40
21.10
0.815
0.831
H
15.10
15.50
0.594
0.610
J
2.87
3.07
0.113
0.121
K
6.50
6.71
0.256
0.264
Ø
4.08
4.20
0.161
0.165
L
5.58
5.79
0.220
0.228
P
0.43
0.53
0.017
0.020
N
4.29
4.49
0.169
0.177
M
1.015
1.12
0.040
0.044
T
1.98
2.11
0.078
0.083
Y
0.71
0.81
0.028
0.032
V
15.31
15.70
0.603
0.618
S
1.09
1.22
0.086
0.096
R
4.60 typ.
0.181 typ.
ADV
ADT40C60XB
XXXX
XXXH
XX
ADT40C60XB:Part number
ADV:Logo
X:Internal control code
H:Halogen Free
ADVANCED
Internal control code
Current:40=40A
Quadrant:C=3Q
Sensitivity and type:
B=50mA
Voltage:60=600V 80=800V
Package explain:X=TO-3PX



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com