Electronic Components Datasheet Search
  English  ▼

X  

ADT40C80X Datasheet(PDF) 1 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # ADT40C80X
Description  3 Quadrants Triacs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

ADT40C80X Datasheet(HTML) 1 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  ADT40C80X Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT40C80X Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT40C80X Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT40C80X Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT40C80X Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT40C80X Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
 
                                     ADT40C60X/80X
 
1 / 6
www.advsemi.com
Feb,2013 -Rev.3.02
ADV
Symbol
Items
Conditions
Ratings
Unit
VDRM
Repetitive Peak Off-State Voltage
Tj = 25°C
ADT40C60X
600
V
VRRM
ADT40C80X
800
V
IT(RMS)
R.M.S On-State Current
TC = 95°C
40
A
ITSM
Surge On-State Current
tp=20ms(50Hz)/tp=16.7ms(60Hz)
400/420
A
I
2t
I
2t for fusing
tp=10ms
880
A
2s
dI/dt
Critical rate of rise of on-state
current
F = 120 Hz Tj = 125°C
IG = 2 x IGT , tr ≤ 100 ns
55
A/μs
IGM
Peak Gate Current
tp = 20 μs Tj = 125°C
8
A
PG(AV)
Average Gate Power Dissipation(Tj=125°C)
1
W
PGM
Peak Gate Power Dissipation(tp=20us,Tj=125°C)
10
W
Tj
Operating Junction Temperature
- 40 ~ 125
°C
TSTG
Storage Temperature
- 40 ~ 150
°C
3 Quadrants Triacs
General Description
High current density due to mesa technology .the ADT40C triac
series is suitable for general purpose AC switching. They can be
used as an ON/OFF function in applications such as static relays,
heating regulation,
High power motor controls e.g. washing
machines and vacuum cleaners,Rectifier-fed DC inductive loads
e.g.DC motors and solenoids , motor speed controllers.
Features
Repetitive Peak Off
◆
-State Voltage: 600Vand800V
R.M.S On
◆
-State Current ( IT(RMS)= 40A )
High Commutation dv/dt
◆
◆
These Devices are Pb-Free and are RoHS Compliant
Absolute Maximum Ratings
Scan the QR code to view the latest product information
ADV
2.T2
1.T1
3.Gate
1
2
3
TO-3PX
2


Similar Part No. - ADT40C80X

ManufacturerPart #DatasheetDescription
logo
Advanced (Shenzhen) Ele...
ADT40C80H ADV-ADT40C80H Datasheet
264Kb / 6P
3 Quadrants Triacs
Feb,2013 -Rev.3.02
ADT40C80HB ADV-ADT40C80HB Datasheet
264Kb / 6P
3 Quadrants Triacs
Feb,2013 -Rev.3.02
More results

Similar Description - ADT40C80X

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTP6A60H SEMIHOW-HTP6A60H Datasheet
390Kb / 6P
3 Quadrants Standard TRIAC
HTP8A60H SEMIHOW-HTP8A60H Datasheet
400Kb / 6P
3 Quadrants Standard TRIAC
HTP16A80H SEMIHOW-HTP16A80H Datasheet
409Kb / 6P
3 Quadrants Standard TRIAC
HTS6A60H SEMIHOW-HTS6A60H Datasheet
377Kb / 5P
3 Quadrants Standard TRIAC
HTS8A80H SEMIHOW-HTS8A80H Datasheet
388Kb / 5P
3 Quadrants Standard TRIAC
HTS10A80AS SEMIHOW-HTS10A80AS Datasheet
106Kb / 4P
3 Quadrants 10A TRIAC
HTS16A80H SEMIHOW-HTS16A80H Datasheet
396Kb / 5P
3 Quadrants Standard TRIAC
logo
Tiger Electronic Co.,Lt...
KTA1A60 TGS-KTA1A60 Datasheet
1Mb / 3P
4 Quadrants Sensitive TRIACS
logo
Guangdong Kexin Industr...
KTA1A60-89 KEXIN-KTA1A60-89 Datasheet
1Mb / 3P
4 Quadrants Sensitive TRIACS
KTA1A60-HF-89 KEXIN-KTA1A60-HF-89 Datasheet
1Mb / 3P
4 Quadrants Sensitive TRIACS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com