Electronic Components Datasheet Search
  English  ▼

X  

HFA30TA60CS Datasheet(PDF) 2 Page - International Rectifier

Part # HFA30TA60CS
Description  Ultrafast, Soft Recovery Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFA30TA60CS Datasheet(HTML) 2 Page - International Rectifier

  HFA30TA60CS Datasheet HTML 1Page - International Rectifier HFA30TA60CS Datasheet HTML 2Page - International Rectifier HFA30TA60CS Datasheet HTML 3Page - International Rectifier HFA30TA60CS Datasheet HTML 4Page - International Rectifier HFA30TA60CS Datasheet HTML 5Page - International Rectifier HFA30TA60CS Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HFA30TA60CS
Bulletin PD-20374 01/01
2
www.irf.com
Parameter
Min
Typ
Max
Units
Tlead!
Lead Temperature
300
°C
RthJC
Junction-to-Case, Single Leg Conducting
1.7
Junction-to-Case, Both Legs Conducting
0.85
K/W
RthJA"
Thermal Resistance, Junction to Ambient
80
Wt
Weight
2.0
g
0.07
(oz)
Mounting Torque
6.0
12
Kg-cm
5.0
10
lbf•in
Parameter
Min Typ Max Units
Test Conditions
VBR
Cathode Anode Breakdown Voltage
600
V
IR = 100µA
1.3
1.7
IF = 15A
1.5
2.0
V
IF = 30A
1.2
1.6
IF = 15A, TJ = 125°C
1.0
10
VR = VR Rated
400 1000
TJ = 125°C, VR = 0.8 x VR RatedD Rated
CT
Junction Capacitance
25
50
pF
VR = 200V
Measured lead to lead 5mm from
package body
Electrical Characteristics (per Leg) @ TJ = 25°C (unless otherwise specified)
LS
Series Inductance
8.0
nH
See Fig. 3
See Fig. 2
See Fig. 1
Thermal - Mechanical Characteristics (per Leg)
VFM
Max Forward Voltage
µA
Max Reverse Leakage Current
IRM
Dynamic Recovery Characteristics (per Leg) @ TJ = 25°C (unless otherwise specified)
Parameter
Min Typ Max Units
Test Conditions
trr
Reverse Recovery Time
19
IF = 1.0A, dif/dt = 200A/µs, VR = 30V
trr1
42
60
ns
TJ = 25°C
trr2
70
90
TJ = 125°C
IF = 15A
IRRM1
Peak Recovery Current
4.0
6.0
TJ = 25°C
IRRM2
6.5
10
TJ = 125°C
VR = 200V
Qrr1
Reverse Recovery Charge
80
180
TJ = 25°C
Qrr2
220
450
TJ = 125°C
dif/dt = 200A/µs
di(rec)M/dt1 Peak Rate of Fall of Recovery Current
188
TJ = 25°C
di(rec)M/dt2 During tb
160
TJ = 125°C
A/µs
nC
A
See Fig. 5, 10
See Fig. 6
See Fig. 7
See Fig. 8
!
0.063 in. from Case (1.6mm) for 10 sec
"
Typical Socket Mount



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com