Electronic Components Datasheet Search
  English  ▼

X  

HFA30TA60CS Datasheet(PDF) 3 Page - International Rectifier

Part # HFA30TA60CS
Description  Ultrafast, Soft Recovery Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFA30TA60CS Datasheet(HTML) 3 Page - International Rectifier

  HFA30TA60CS Datasheet HTML 1Page - International Rectifier HFA30TA60CS Datasheet HTML 2Page - International Rectifier HFA30TA60CS Datasheet HTML 3Page - International Rectifier HFA30TA60CS Datasheet HTML 4Page - International Rectifier HFA30TA60CS Datasheet HTML 5Page - International Rectifier HFA30TA60CS Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HFA30TA60CS
Bulletin PD-20374 01/01
3
www.irf.com
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
Fig. 4 - Maximum Thermal Impedance Zthjc Characteristics, (per Leg)
Fig. 2 - Typical Reverse Current vs. Reverse
Voltage, (per Leg)
Fig. 3 - Typical Junction Capacitance vs.
Reverse Voltage, (per Leg)
Fig. 1 - Maximum Forward Voltage Drop
vs. Instantaneous Forward Current,
(per Leg)
1
10
100
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
FM
Forward Voltage Drop - V
(V)
T = 150°C
T = 125°C
T = 25°C
J
J
J
A
Forward Voltage Drop - VFM ( V )
0.01
0.1
1
10
100
1000
10000
0
100
200
300
400
500
600
R
T = 150°C
A
T = 125°C
T = 25°C
J
J
J
Reverse Voltage - V (V)
10
100
0
100
200
300
400
500
600
T = 25°C
J
Reverse Voltage - V (V)
R
A
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com