Electronic Components Datasheet Search
  English  ▼

X  

THS7315 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS7315
Description  3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7315 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS7315 Datasheet HTML 9Page - Texas Instruments THS7315 Datasheet HTML 10Page - Texas Instruments THS7315 Datasheet HTML 11Page - Texas Instruments THS7315 Datasheet HTML 12Page - Texas Instruments THS7315 Datasheet HTML 13Page - Texas Instruments THS7315 Datasheet HTML 14Page - Texas Instruments THS7315 Datasheet HTML 15Page - Texas Instruments THS7315 Datasheet HTML 16Page - Texas Instruments THS7315 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
www.ti.com
OUTPUT MODE OF OPERATION—DC-COUPLED
DAC/Encoder
(DaVinci
TM
)
CVBS
Y’
C’
75 W
Y’
OUT
75 W
C’
OUT
75 W
+1.8V
75 W
75 W
SDTV
CVBS
S-Video Y’
S-VideoC’
480i/576i
Y’P’ P’
G’B’R’
B
R
75 W
S-Video
500 W
500 W
500 W
5
8
7
6
1
2
3
4
V
S+
GND
CH.2IN
CH.3IN
CH.1IN
CH.3OUT
CH.2OUT
CH.1OUT
THS7315
CVBS
OUT
+
+3.3V
22 F
m
0.1 F
m
Gain=
5.2V/V
THS7315
SLOS532 – JUNE 2007
APPLICATION INFORMATION (continued)
One other issue that must be taken into account is the dc-bias point. The dc-bias point is a function of the power
supply. As such, there is as a low-pass filter. Additionally, the time to charge the capacitor to the final dc bias
point is also a function of the pull-up resistor and the input capacitor. Lastly, the input capacitor forms a
high-pass filter with the parallel impedance of the pull-up resistor and the 800-k
Ω resistor. Generally, it is good to
have this high-pass filter at about 3 Hz to minimize any potential droop on a P'B, P'R, or non-sync B' or R' signal.
A 0.1-
μF input capacitor with a 9.31-M
Ω pull-up resistor equals about a 2.2-Hz high-pass corner frequency.
This mode of operation is recommended for use with chroma (C'), P’B, P'R, U', V', and non-sync B' and/or R'
signals.
The THS7315 incorporates a rail-to-rail output stage that can be utilized to drive the line directly without the
need for large ac-coupling capacitors, as shown in Figure 8. This architecture offers the best line tilt and field tilt
(or droop) performance because no ac coupling occurs. Keep in mind that if the input is ac-coupled, then the
resulting tilt arising from the input ac coupling is still seen on the output, regardless of the output coupling. The
80-mA output current drive capability of the THS7315 was designed to drive two video lines per channel
simultaneously—essentially, a 75-
Ω load—while keeping the output dynamic range as wide as possible.
Figure 8. Typical SDTV CVBS/Y'/C' System with DC-Coupled Line Driving
One concern about dc coupling arises when the line is terminated to ground. If the ac-bias input configuration is
used, the THS7315 output has a dc bias on the output. With two lines terminated to ground, this configuration
creates a dc current path, resulting in a slightly decreased high output voltage swing as well as an increase in
device power dissipation. While the THS7315 was designed to operate with junction temperatures of up to
+125
°C, care must be taken to ensure that the junction temperature does not exceed this level; otherwise,
long-term reliability could suffer. Although this configuration only adds less than 10 mW of power dissipation per
channel, the overall low power dissipation of the THS7315 design minimizes potential thermal issues even when
using the SOIC package at high ambient temperatures.
Note that the THS7315 can drive the line with dc coupling regardless of the input mode of operation. The only
requirement is to verify that the video line has proper termination in series with the output (typically 75
Ω). This
termination also helps isolate capacitive loading effects from the THS7315 output. Failure to isolate capacitive
loads may result in instabilities with the output buffer, potentially causing ringing or oscillating to appear. The
stray capacitance appearing directly at the THS7315 output pins should be kept below 25 pF.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com