Electronic Components Datasheet Search
  English  ▼

X  

THS7315 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS7315
Description  3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7315 Datasheet(HTML) 3 Page - Texas Instruments

  THS7315 Datasheet HTML 1Page - Texas Instruments THS7315 Datasheet HTML 2Page - Texas Instruments THS7315 Datasheet HTML 3Page - Texas Instruments THS7315 Datasheet HTML 4Page - Texas Instruments THS7315 Datasheet HTML 5Page - Texas Instruments THS7315 Datasheet HTML 6Page - Texas Instruments THS7315 Datasheet HTML 7Page - Texas Instruments THS7315 Datasheet HTML 8Page - Texas Instruments THS7315 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: VS+ = 3.3 V
THS7315
SLOS532 – JUNE 2007
RL = 150Ω to GND, unless otherwise noted. See Figure 1 and Figure 2.
TYP
OVER TEMPERATURE
0
°C to
–40
°C to
MIN/MAX/
PARAMETER
TEST CONDITIONS
+25
°C
+25
°C
+70
°C
+85
°C
UNIT
TYP
AC PERFORMANCE
Small-signal bandwidth (–3 dB)
VO – 0.2 VPP
(1)
8.5
6.8/10.4
6.7/10.5
6.6/10.6
MHz
Min/Max
Large-signal bandwidth (–3 dB)
VO – 2 VPP
(1)
8.5
6.8/10.4
6.7/10.5
6.6/10.6
MHz
Min/Max
Passband bandwidth (–1dB)
7.0
MHz
Typ
f = 6 MHz(2)
0.25
–0.3/2.4
–0.35/2.5
–0.4/2.6
dB
Min/Max
Attenuation (with respect to 100 kHz)
f = 27 MHz(2)
47
36
35
34
dB
Min
Group delay
f = 100 kHz
61
ns
Typ
Group delay variation (with respect to
f = 5.1 MHz
12
ns
Typ
100 kHz)
Channel-to-channel delay
0.3
ns
Typ
Differential gain
NTSC/PAL
0.2/0.2
%
Typ
Differential phase
NTSC/PAL
0.25/0.35
degrees
Typ
Total harmonic distortion
f = 1 MHz, VO = 2 VPP, ac-coupled I/O
–62
dB
Typ
Signal-to-noise ratio
NTC-7 weighting, 100 kHz to 4.2 MHz
73
dB
Typ
Channel-to-channel crosstalk
f = 1 MHz, output-referred
–65
dB
Typ
AC gain, all channels
14.3
14/14.6
14/14.6
14/14.6
dB
Min/Max
Output impedance
f = 1 MHz
0.8
Ω
Typ
DC PERFORMANCE
Biased output voltage
VIN = 0 V
230
80/390
68/415
48/420
mV
Min/Max
Input voltage range
DC input, limited by output
–0.1/0.56
V
Typ
Sync tip clamp charge current
VIN = –0.1 V
200
μA
Typ
Input resistance
800
k
Ω
Typ
Input capacitance
2
pF
Typ
OUTPUT CHARACTERISTICS
RL = 150 Ω to 1.65 V
3.15
V
Typ
RL = 150 Ω to GND
3.10
2.85
2.75
2.75
V
Min
High output voltage swing
RL = 75 Ω to 1.65 V
3.10
V
Typ
RL = 75 Ω to GND
3.0
V
Typ
RL = 150 Ω to 1.65 V (VIN = –0.15 V)
0.15
V
Typ
RL = 150 Ω to GND (VIN = –0.15 V)
0.05
0.13
0.14
0.14
V
Max
Low output voltage swing
RL = 75 Ω to 1.65 V (VIN = –0.15 V)
0.26
V
Typ
RL = 75 Ω to GND (VIN = –0.15 V)
0.1
V
Typ
Sourcing
80
mA
Typ
Output current
RL = 10 Ω to 1.65 V
Sinking
70
mA
Typ
POWER SUPPLY
Maximum operating voltage
3.3
5.5
5.5
5.5
V
Max
Minimum operating voltage
3.3
2.85
2.85
2.85
V
Min
Maximum quiescent current
VIN = 0 V
15.6
20
22
24
mA
Max
Minimum quiescent current
VIN = 0 V
15.6
12
11.6
11
mA
Min
Power supply rejection (+PSRR)
43
dB
Typ
(1)
The Min/Max values listed for this specification are specified by design and characterization only.
(2)
3.3-V supply filter specifications are specified by 100% testing at 5-V supply along with design and characterization only.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com