Electronic Components Datasheet Search
  English  ▼

X  

ALD4212SC Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD4212SC
Description  CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4212SC Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD4212SC Datasheet HTML 1Page - Advanced Linear Devices ALD4212SC Datasheet HTML 2Page - Advanced Linear Devices ALD4212SC Datasheet HTML 3Page - Advanced Linear Devices ALD4212SC Datasheet HTML 4Page - Advanced Linear Devices ALD4212SC Datasheet HTML 5Page - Advanced Linear Devices ALD4212SC Datasheet HTML 6Page - Advanced Linear Devices ALD4212SC Datasheet HTML 7Page - Advanced Linear Devices ALD4212SC Datasheet HTML 8Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ALD4211/ALD4212
Advanced Linear Devices
3
ALD4213
AC ELECTRICAL CHARACTERISTICS
TA = 25°C V+ = +5.0V, V- = -5.0V, GND = 0.0V unless otherwise specified
4211/4212/4213(PC) 4211/4212/4213(DC) 4211/4212/4213(SC)
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Turn On
Delay time
tON
60
130
60
130
60
130
ns
(Note 2)
Turn Off
Delay time
tOFF
60
130
60
130
60
130
ns
(Note 2)
Charge Injection
QINJ
0.2
1.0
0.2
1.0
0.2
1.0
pC
(Note 3) (Note 4)
Off Isolation
75
75
75
dB
At f = 100KHz, (Note 5)
Crosstalk
90
90
90
dB
At f = 100KHz, (Note 6)
Total Harmonic
THD
0.05
0.05
0.05
%
RL = 10K
Distortion
0.01
0.01
0.01
RL = 100K
Com/Out
COM(OFF)
Off Capacitance
OUT(OFF)
3.0
3.0
3.0
pF
Channel On
Capacitance
CDS (ON)
5.7
5.7
5.7
pF
Pin to Pin
Capacitance
CPP
0.5
0.6
0.25
pF
Notes: 1. Voltage on any terminal must be less than (V+) + 0.3V and greater than (V-) - 0.3V, at all times including before power is applied and V+ =V- = 0.0V. Vsupply
power supply needs to be sequenced on first on power turn-on and sequenced off last during power turn-off. 2. See Switching Time Test Circuit. Break-before-make time is
not guaranteed. Turn on and turn off time may overlap. 3. Guaranteed by design. 4. See Charge Injection Test Circuit 5. See Off Isolation Test Circuit 6. See Crosstalk
Test Circuit. 7. See switching time test circuit.
Analog Signal Range
VA
0.0
+5.0
0.0
+5.0
V
On - Resistance
RON
195
280
195
280
Ω
VA = 0V IA = 1mA
250
365
-40
°C to +85°C
270
390
-55
°C to +125°C
Change of On-Resistance
∆RON
20
20
%
from -VS to +VS
Change of On-Resistance
∆RON/∆T
0.43
0.43
%/
°C
with Temperature
RON Match
2
2
%
Between Switches
Off Com Leakage
ICOML
50
100
50
100
pA
VCOM = 1 to 4V,VOUT = 4 to 1V
Current
500
pA
-40
°C to +85°C
4000
pA
-55
°C to +125°C
Off Out Leakage
IOUTL
50
100
50
100
pA
VOUT = 1 to 4V,VCOM = 4 to 1V
Current
500
pA
-40
°C to +85°C
4000
pA
-55
°C to +125°C
On Channel
ID(ON)
50
100
50
100
pA
Leakage Current
500
pA
-40
°C to +85°C
4000
pA
-55
°C to +125°C
Input High Voltage
VIH
4.0
4.0
Logic "1"
Input Low Voltage
VIL
0.8
0.8
V
Logic "0"
Input High or
IIH
Input Low Current
IIL
10
10
nA
Supply Current
ISUPPLY
0.01
1
0.01
1
µA
DC ELECTRICAL CHARACTERISTICS
TA = 25
°C V+ = +5.0V, V- = GND = 0.0V unless otherwise specified
4211/4212/4213 (PC,SC)
4211/4212/4213 (DC)
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com