Electronic Components Datasheet Search
  English  ▼

X  

ALD4212SC Datasheet(PDF) 5 Page - Advanced Linear Devices

Part # ALD4212SC
Description  CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4212SC Datasheet(HTML) 5 Page - Advanced Linear Devices

  ALD4212SC Datasheet HTML 1Page - Advanced Linear Devices ALD4212SC Datasheet HTML 2Page - Advanced Linear Devices ALD4212SC Datasheet HTML 3Page - Advanced Linear Devices ALD4212SC Datasheet HTML 4Page - Advanced Linear Devices ALD4212SC Datasheet HTML 5Page - Advanced Linear Devices ALD4212SC Datasheet HTML 6Page - Advanced Linear Devices ALD4212SC Datasheet HTML 7Page - Advanced Linear Devices ALD4212SC Datasheet HTML 8Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ALD4211/ALD4212
Advanced Linear Devices
5
ALD4213
Analog Signal Range
VA
0.0
3.0
0.0
3.0
V
On - Resistance
RON
500
700
500
700
Ω
VA = 0V IA = 1mA
620
880
-40
°C to +85°C
680
1000
-55
°C to +125°C
Change of On-Resistance
∆RON
43
43
%
from -VS to +VS
Change of On-Resistance
∆RON/∆T
0.27
0.27
%/
°C
with Temperature
RON Match
2
2
%
Between Switches
Off Com
ICOML
50
100
50
100
pA
VCOM = 1 to 2V,VOUT = 2 to 1V
Leakage Current
500
pA
-40
°C to +85°C
4000
pA
-55
°C to +125°C
Off Out
IOUTL
50
100
50
100
pA
VOUT = 1 to 2V,VCOM = 2 to 1V
Leakage Current
500
pA
-40
°C to +85°C
4000
pA
-55
°C to +125°C
Channel On
ID(ON)
50
100
50
100
pA
Leakage Current
500
pA
-40
°C to +85°C
4000
pA
-55
°C to +125°C
Input High Voltage
VIH
2.4
2.4
Logic "1"
Input Low Voltage
VIL
0.8
0.8
V
Logic "0"
Input High or
IIH
Input Low Current
IIL
10
10
nA
Supply Current
ISUPPLY
0.01
1
0.01
1
µA
DC ELECTRICAL CHARACTERISTICS
TA = 25°C V+ = +3.0V, V- = GND = 0.0V unless otherwise specified
4211/4212/4213 (PC,SC)
4211/4212/4213 (DC)
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Turn On Delay time
tON
160
300
160
300
160
300
ns
(Note 7)
Turn Off Delay time
tOFF
78
1500
78
150
78
150
ns
(Note 7)
Break-Before-Make
tBD
20
82
20
82
20
82
ns
Delay Time
Charge Injection
QINJ
0.2
0.5
0.2
0.5
0.2
0.5
pC
(Note 3) (Note 4)
Off Isolation
75
75
75
dB
At f = 100KHz, (Note 5)
Crosstalk
90
90
90
dB
At f = 100KHz, (Note 6)
Total Harmonic
THD
0.05
0.05
0.05
%
RL = 10K
Distortion
0.01
0.01
0.01
RL = 100K
Com/Out
COM(OFF)
Off Capacitance
OUT(OFF)
3.0
3.0
3.0
pF
Channel On
CDS (ON)
5.7
5.7
5.7
pF
Capacitance
Pin to Pin
CPP
0.5
0.6
0.25
pF
Capacitance
AC ELECTRICAL CHARACTERISTICS
TA = 25°C V+ = +3.0V, V- = GND = 0.0V unless otherwise specified
4211/4212/4213 (PC)
4211/4212/4213 (DC) 4211/4212/4213 (SC)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com