Electronic Components Datasheet Search
  English  ▼

X  

7407 Datasheet(PDF) 3 Page - SYC Electronica

Part # 7407
Description  with Open-Collector Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

7407 Datasheet(HTML) 3 Page - SYC Electronica

  7407 Datasheet HTML 1Page - SYC Electronica 7407 Datasheet HTML 2Page - SYC Electronica 7407 Datasheet HTML 3Page - SYC Electronica 7407 Datasheet HTML 4Page - SYC Electronica 7407 Datasheet HTML 5Page - SYC Electronica 7407 Datasheet HTML 6Page - SYC Electronica 7407 Datasheet HTML 7Page - SYC Electronica 7407 Datasheet HTML 8Page - SYC Electronica 7407 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SN5407, SN5417, SN7407, SN7417
HEX BUFFERS/DRIVERS
WITH OPENCOLLECTOR HIGHVOLTAGE OUTPUTS
SDLS032G − DECEMBER 1983 − REVISED MAY 2004
3
recommended operating conditions (see Note 4)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
SN5407, SN5417
4.5
5
5.5
V
VCC
Supply voltage
SN7407, SN7417
4.75
5
5.25
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VOH
High-level output voltage
SN5407, SN7407
30
V
VOH
High-level output voltage
SN5417, SN7417
15
V
IOL
Low-level output current
SN5407, SN5417
30
mA
IOL
Low-level output current
SN7407, SN7417
40
mA
TA
Operating free-air temperature
SN5407, SN5417
−55
125
°C
TA
Operating free-air temperature
SN7407, SN7417
0
70
°C
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VIK
VCC = MIN,
II = −12 mA
−1.5
V
IOH
VCC = MIN,
VIH = 2 V
VOH = 30 V (SN5407, SN7407)
0.25
mA
IOH
VCC = MIN,
VIH = 2 V
VOH = 15 V (SN5417, SN7417)
0.25
mA
IOL = 16 mA
0.4
VOL
VCC = MIN,
VIL = 0.8 V
IOL = 30 mA (SN5407, SN5417)
0.7
V
VOL
VCC = MIN,
VIL = 0.8 V
IOL = 40 mA (SN7407, SN7417)
0.7
V
II
VCC = MAX,
VI = 5.5 V
1
mA
IIH
VCC = MAX,
VIH = 2.4 V
40
µA
IIL
VCC = MAX,
VIL = 0.4 V
−1.6
mA
ICCH
VCC = MAX
29
41
mA
ICCL
VCC = MAX
21
30
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
A
Y
RL = 110 Ω,
CL = 15 pF
6
10
ns
tPHL
A
Y
RL = 110 Ω,
CL = 15 pF
20
30
ns
tPLH
A
Y
RL = 150 Ω,
CL = 50 pF
15
ns
tPHL
A
Y
RL = 150 Ω,
CL = 50 pF
26
ns
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com