Electronic Components Datasheet Search
  English  ▼

X  

7407 Datasheet(PDF) 1 Page - SYC Electronica

Part # 7407
Description  with Open-Collector Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

7407 Datasheet(HTML) 1 Page - SYC Electronica

  7407 Datasheet HTML 1Page - SYC Electronica 7407 Datasheet HTML 2Page - SYC Electronica 7407 Datasheet HTML 3Page - SYC Electronica 7407 Datasheet HTML 4Page - SYC Electronica 7407 Datasheet HTML 5Page - SYC Electronica 7407 Datasheet HTML 6Page - SYC Electronica 7407 Datasheet HTML 7Page - SYC Electronica 7407 Datasheet HTML 8Page - SYC Electronica 7407 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN5407, SN5417, SN7407, SN7417
HEX BUFFERS/DRIVERS
WITH OPENCOLLECTOR HIGHVOLTAGE OUTPUTS
SDLS032G − DECEMBER 1983 − REVISED MAY 2004
1
D Convert TTL Voltage Levels to MOS Levels
D High Sink-Current Capability
D Input Clamping Diodes Simplify System
Design
D Open-Collector Driver for Indicator Lamps
and Relays
D Inputs Fully Compatible With Most TTL
Circuits
description/ordering information
These
TTL
hex
buffers/drivers
feature
high-voltage open-collector outputs for interfacing
with high-level circuits (such as MOS) or for
driving high-current loads (such as lamps or
relays) and also are characterized for use as
buffers for driving TTL inputs. The SN5407 and
SN7407 have minimum breakdown voltages of
30 V, and the SN5417 and SN7417 have
minimum breakdown voltages of 15 V. The
maximum sink current is 30 mA for the SN5407
and SN5417 and 40 mA for the SN7407 and
SN7417.
These devices perform the Boolean function
Y = A in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
Tube
SN7407D
7407
SOIC − D
Tape and reel
SN7407DR
7407
SOIC − D
Tube
SN7417D
7417
0
°C to 70°C
Tape and reel
SN7417DR
7417
0
°C to 70°C
PDIP − N
Tube
SN7407N
SN7407N
PDIP − N
Tube
SN7417N
SN7417N
SOP − NS
Tape and reel
SN7407NSR
SN7407
SOP − NS
Tape and reel
SN7417NSR
SN7417
CDIP − J
Tube
SNJ5407J
SNJ5407J
−55
°C to 125°C
CDIP − J
Tube
SNJ5417J
SNJ5417J
−55
°C to 125°C
CFP − W
Tube
SNJ5407W
SNJ5407W
LCCC − FK
Tube
SNJ5407FK
SNJ5407FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB
design guidelines are available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN5407, SN5417 ...J OR W PACKAGE
SN7407, SN7417 . . . D, N, OR NS PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN5407 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
www.sycelectronica.com.ar


Similar Part No. - 7407

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
7407 FAIRCHILD-7407 Datasheet
49Kb / 4P
Hex Buffers with High Voltage Open-Collector Outputs
logo
Silicon Supplies
7407 SS-7407 Datasheet
439Kb / 4P
Bipolar TTL Logic
7407 SS-7407 Datasheet
379Kb / 4P
Bipolar TTL Logic
Rev 1.0 29/07/20
logo
Myrra
74070 MYRRA-74070 Datasheet
318Kb / 1P
FLYBACK TRANSFORMER
logo
Molex Electronics Ltd.
74076 MOLEX-74076 Datasheet
30Kb / 2P
VHDM-HSD Backplane Connectors
08/14/2018
More results

Similar Description - 7407

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5405 TI-SN5405 Datasheet
547Kb / 18P
HEX INVERTER WITH OPEN-COLLECTOR OUTPUTS
SN74ALS156 TI-SN74ALS156 Datasheet
109Kb / 7P
DECODER/DEMULTIPLEXER WITH OPEN-COLLECTOR OUTPUTS
SN74ALS35A TI-SN74ALS35A Datasheet
65Kb / 4P
HEX NONINVERTER WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM7405 FAIRCHILD-DM7405 Datasheet
35Kb / 3P
Hex Inverters with Open-Collector Outputs
DM74ALS05A FAIRCHILD-DM74ALS05A Datasheet
48Kb / 4P
Hex Inverter with Open Collector Outputs
DM74S05 FAIRCHILD-DM74S05 Datasheet
47Kb / 4P
Hex Inverter with Open-Collector Outputs
logo
Hitachi Semiconductor
HD74LS04 HITACHI-HD74LS04 Datasheet
50Kb / 5P
Hex Inverters(with Open Collector Outputs)
logo
National Semiconductor ...
54LS05 NSC-54LS05 Datasheet
61Kb / 2P
HEX INVERTERS WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM74ALS05AN FAIRCHILD-DM74ALS05AN Datasheet
52Kb / 4P
Hex Inverter with Open Collector Outputs
logo
Texas Instruments
SN74ALS156 TI1-SN74ALS156_14 Datasheet
463Kb / 14P
DECODER/DEMULTIPLEXER WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com