Electronic Components Datasheet Search
  English  ▼

X  

ML3356 Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML3356
Description  Wideband FSK Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML3356 Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML3356 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML3356 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML3356 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML3356 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML3356 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML3356 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML3356 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML3356 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML3356 Datasheet HTML 9Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.lansdale.com
Page 2 of 9
Issue A
LANSDALE Semiconductor, Inc.
ML3356
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC(max)
15
Vdc
Operating Power Supply Voltage Range (Pins 6, 10)
VCC
3.0 to 9.0
Vdc
Operating RF Supply Voltage Range (Pin 4)
RF VCC
3.0 to 12.0
Vdc
Junction Temperature
TJ
150
°C
Operating Ambient Temperature Range
TA
– 40 to + 85
°C
Storage Temperature Range
Tstg
– 65 to + 150
°C
Power Dissipation, Package Rating
PD
1.25
W
ELECTRICAL CHARACTERISTICS (VCC = 5.0 Vdc, fo = 100 MHz, fosc = 110.7 MHz, ∆f = ±75 kHz, fmod = 1.0 kHz, 50 Ω source,
TA = 25°C, test circuit of Figure 2, unless otherwise noted.)
Characteristics
Min
Typ
Max
Unit
Drain Current Total, RF VCC and VCC
–
20
25
mAdc
Input for – 3 dB limiting
–
30
–
µVrms
Input for 50 dB quieting
S + N
N
()
–
60
–
µVrms
Mixer Voltage Gain, Pin 20 to Pin 5
2.5
–
–
v/v
Mixer Input Resistance, 100 MHz
–
260
–
Ω
Mixer Input Capacitance, 100 MHz
–
5.0
–
pF
Mixer/Oscillator Frequency Range (Note 1)
–
0.2 to 150
–
MHz
IF/Quadrature Detector Frequency Range (Note 1)
–
0.2 to 50
–
MHz
AM Rejection (30% AM, RF Vin = 1.0 mVrms)
–
50
–
dB
Demodulator Output, Pin 13
–
0.5
–
Vrms
Meter Drive
–
7.0
–
µA/dB
Squelch Threshold
–
0.8
–
Vdc
NOTE: 1. Not taken in Test Circuit of Figure 2; new component values required.
Figure 2. Test Circuit
L1 – 110.7 MHz, 0.4
µH
L1 – 7T #22, 3/16 Form
L1 – w/slug & can
L2 – 10.7 MHz, 1.5
µH
L2 – 20T #30, 3/16 Form
L2 – w/slug & can
T1 – muRata
T1 – SFE10.7 MA5–Z
or
KYOCERA
T1 – KBF10.7MN–MA
100 MHz
RF Input
0.01
51
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Data Output
10 k
47 k
0.01
390 k
47 k
130 k
3.3 k
3.0 k
3.3 k
0.1
470
pF
18 k
18 k
150 pF
L2
0.01
330
0.01
T1
VCC
5 Vdc
330
0.01
L1
5.6 pF
15 pF
RF Input
Ground
Data
Output
Comp(+)
Comp(–)
Squelch
Status
Squelch
Control
Demod
Out
Demod
Filter
Quad
Input
RF
Gnd
OSC
EM.
OSC
COL.
RF
VCC
Mixer
Out
VCC
Limiter
Input
Limiter
Bias
Limiter
Bias
Quad
Bias
Squelch
Status
Demod
Out



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com