Electronic Components Datasheet Search
  English  ▼

X  

ML3371EP Datasheet(PDF) 8 Page - LANSDALE Semiconductor Inc.

Part # ML3371EP
Description  Low Power Narrowband FM IF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML3371EP Datasheet(HTML) 8 Page - LANSDALE Semiconductor Inc.

Back Button ML3371EP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 12Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.lansdale.com
Page 8 of 19
Issue A
LANSDALE Semiconductor, Inc.
ML3371, ML3372
ML3371 PIN FUNCTION DESCRIPTION (continued)
OPERATING CONDITIONS VCC = 4.0 Vdc, RFIn = 100 µV, fmod = 1.0 kHz, fdev = 3.0 kHz. ML3371 at f RF = 10.7 MHz (see Figure 11).
Pin
Waveform
Description
Internal Equivalent
Circuit
Symbol
13
RSSI
RSSIOut
1.8 k
Bias
13
VCC
RSSI Output. Referred to as the
Received Signal Strength Indicator or
RSSI. The chip sources up to 60
µA
over the linear 60 dB range. This pin
may be used many ways, such as:
AGC, meter drive and carrier triggered
squelch circuit.
14
MUTE
40 k
Mute or
SqOut
14
Mute Output. See discussion in
application text.
15
Gnd
Gnd
15
Ground. The ground area should be
continuous and unbroken. In a two–
sided layout, the component side has
the ground plane. In a one–sided
layout, the ground plane fills around
the traces on the circuit side of the
board and is not interrupted.
16
MIXIn
MixerIn
VCC
16
3.3 k
10 k
Mixer Input –
Series Input Impedance:
@ 10 MHz: 309 – j33
Ω
@ 45 MHz: 200 – j13
Ω
*Other pins are the same as pins in MC3371.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com