Electronic Components Datasheet Search
  English  ▼

X  

ML3371EP Datasheet(PDF) 17 Page - LANSDALE Semiconductor Inc.

Part # ML3371EP
Description  Low Power Narrowband FM IF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML3371EP Datasheet(HTML) 17 Page - LANSDALE Semiconductor Inc.

Back Button ML3371EP Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 14Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 15Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 16Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 17Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 18Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 19Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
www.lansdale.com
Page 16 of 19
Issue A
LANSDALE Semiconductor, Inc.
ML3371, ML3372
Figure 18. MC3371 PC Board Component View with Matched Input at 10.7 MHz
Figure 19. MC3371 PC Board Circuit or Solder Side as Viewed through Component Side
METER
OUT
J4
R1
C3
R9
D1
C
5
R5
R4
C17
R3
R6
VR1
VCC
J3
VR2
R8
R7
C8
C7
C1
L2
C2
+
C15
INPUT IF
10.7 MHZ
J1
L1
MC3371
IF 10.7 MHZ
FRONT END
C14
BNC
J3
XTAL
10.245
MHZ
C10
C11
CFU
455D 2
VCC
C13
MC3371
R10
J2
T2
AF OUT
BNC
GND
CUT
.325
+
C9
VCC
COMPONENT SIDE
R11
C16
C12
GND
R2
C4
Above PC Board is laid out for the circuit in Figure 11.
SOLDER SIDE
CUT
.325
CUT
.325
Legacy Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com