Electronic Components Datasheet Search
  English  ▼

X  

GL9701 Datasheet(PDF) 55 Page - GENESYS LOGIC

Part # GL9701
Description  PCI ExpressTM to PCI Bridge
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9701 Datasheet(HTML) 55 Page - GENESYS LOGIC

Back Button GL9701 Datasheet HTML 51Page - GENESYS LOGIC GL9701 Datasheet HTML 52Page - GENESYS LOGIC GL9701 Datasheet HTML 53Page - GENESYS LOGIC GL9701 Datasheet HTML 54Page - GENESYS LOGIC GL9701 Datasheet HTML 55Page - GENESYS LOGIC GL9701 Datasheet HTML 56Page - GENESYS LOGIC GL9701 Datasheet HTML 57Page - GENESYS LOGIC GL9701 Datasheet HTML 58Page - GENESYS LOGIC GL9701 Datasheet HTML 59Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 75 page
background image
GL9701 PCI Express
TM to PCI Bridge
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 55
6.40 Offset a1h: Slot Numbering Pointer to Next ID Register
Bits
Type
Default
Description
7:0
RO
00h
Pointer to Next Capabilities
6.41 Offset a2h: Slot Numbering Expansion Slot Register
Bits
Type
Default
Description
4:0
RO
3h
Expansion Slots Provided – Contains the binary value of the
number of PCI expansion slots located directly on the secondary
interface of this bridge.
5
RO
1b
First in Chassis – If this bit is set, it indicates that this bridge is
the first in an expansion chassis. A bridge with this bit set
indicates the existence of an expansion chassis that requires a
unique chassis number.
0 – This is not a parent bridge.
1 – This is a parent bridge.
7:6
RO
00b
Reserved
6.42 Offset a3h: Slot Numbering Chassis Number Register
Bits
Type
Default
Description
7:0
RW
00h
Chassis Number: Contains the physical chassis number for the
slots on the bridge’s secondary interface.
6.43 Offset 100h: Advanced Error Reporting Enhanced Capability Header Register
Bits
Type
Default
Description
15:0
RO
0001h
PCI Express Extended Capability ID
19:16
RO
1h
Capability Version
31:20
RO
150h
Next Capability Offset – Next capability is Device Serial Number
Capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com