Electronic Components Datasheet Search
  English  ▼

X  

GL824C Datasheet(PDF) 39 Page - GENESYS LOGIC

Part # GL824C
Description  USB 2.0 On-The-Go Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL824C Datasheet(HTML) 39 Page - GENESYS LOGIC

Back Button GL824C Datasheet HTML 35Page - GENESYS LOGIC GL824C Datasheet HTML 36Page - GENESYS LOGIC GL824C Datasheet HTML 37Page - GENESYS LOGIC GL824C Datasheet HTML 38Page - GENESYS LOGIC GL824C Datasheet HTML 39Page - GENESYS LOGIC GL824C Datasheet HTML 40Page - GENESYS LOGIC GL824C Datasheet HTML 41Page - GENESYS LOGIC GL824C Datasheet HTML 42Page - GENESYS LOGIC GL824C Datasheet HTML 43Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
GL824/GL824C USB 2.0 On-The-Go Controller
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 39
4
20
-
-
5
15
-
-
6
10
-
-
0
5
-
-
1
5
-
-
2
5
-
-
3
5
-
-
4
5
-
-
5
5
-
-
Thr
Data Hold Time following IOR-
6
5
-
-
6.5.8 Reset Timing
Extrstz
Trst
Figure 6.11 - Timing Diagram of Reset
Parameter
Description
Minimum
Unit
Remark
Trst
This active low signal is used by the system
to reset the chip; the active low pulse should
be at least 1us wide.
1
us
6.5.9 ATA/ ATAPI
The GL824 complies with ATA / ATAPI-6 specification rev 1.0, which supports following data transfer modes:
1.
DMA (Direct Memory Access) data transfer:
DMA data transfer means of data transfer between device and host memory without host processor
intervention.
- Multiword DMA: Multiword DMA is a data transfer protocol used with the READ DMA, WRITE
DMA, READ DMA QUEUED, WRITE DMA QUEUED and PACKET commands. When a
Multiword DMA transfer is enabled as indicated by IDENTIFY DEVICE or IDENTIFY PACKET
DEVICE data, this data transfer protocol shall be used for the data transfers associated with these
commends. (Please refer to the ATA / ATAPI-6 specification rev 1.0 for more information.)
- Ultra DMA: Ultra DMA Is a data transfer protocol used with the READ DMA, WRITE DMA,
READ DMA QUEUED, WRITE DMA QUEUED and PACKET commands. When this protocol is
enabled, the Ultra DMA protocol shall be used instead of the Multiword DMA protocol when these
commands are issued by the host. This protocol applies to the Ultra DMA data burst only. (Please
refer to the ATA / ATAPI-6 specification rev 1.0 for more information.)
Following listed the symbols and their respective definitions that are used in the timing diagram:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com