Electronic Components Datasheet Search
  English  ▼

X  

GL824C Datasheet(PDF) 21 Page - GENESYS LOGIC

Part # GL824C
Description  USB 2.0 On-The-Go Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL824C Datasheet(HTML) 21 Page - GENESYS LOGIC

Back Button GL824C Datasheet HTML 17Page - GENESYS LOGIC GL824C Datasheet HTML 18Page - GENESYS LOGIC GL824C Datasheet HTML 19Page - GENESYS LOGIC GL824C Datasheet HTML 20Page - GENESYS LOGIC GL824C Datasheet HTML 21Page - GENESYS LOGIC GL824C Datasheet HTML 22Page - GENESYS LOGIC GL824C Datasheet HTML 23Page - GENESYS LOGIC GL824C Datasheet HTML 24Page - GENESYS LOGIC GL824C Datasheet HTML 25Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
GL824/GL824C USB 2.0 On-The-Go Controller
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 21
EXTRST_
42
I
(pd)
External reset
RXD
117
B
(pu)
UART receives data input
TXD
118
O
(pu)
UART transmits data output
I2CK
120
O
(pu)
I
2C bus clock
I2CD
121
B
(pu)
I
2C data
VSEL
124
I
Key voltage detection input
VBAT
125
I
Battery voltage detection input
ATA/ATAPI Interface
Pin Name
Pin#
Type
Description
CS0_
43
O
PESETZ (PCVS2Z)
CS1_
56
O
PESETZ (PCVS1Z)
DA0~2
44,46,45
O
Address 0~2
AINTRQ
50
I
(pd)
IREQZ
DMACK_
51
O
DMACK
AIORDY
52
I
(pu)
IORDY (WAITZ)
DIOR_
53
O
I/O read strobe
DIOW_
54
O
I/O write strobe
DMARQ
55
I
(pd)
DMARQ
DD0~15
58,60,62,64,
66,68,70,
72,71,69,
67,65,63,
61,59,57
B
(pd)
Data 0~15
ARESET_
73
O
ARESET
SDRAM Interface
Pin Name
Pin#
Type
Description
SA1~12
81,79,77,
78,80,82,
83,86,88,
85,90,91
O
SDRAM_A1~A12
SA0/A0
84
O/I
(pd)
SDRAM_A0 / share pin with A0 pin of HOST interface
BA0/WSTS
89
SDRAM_BA0 / share pin with write status pin of HOST
interface
BA1/RSTS
87
O
SDRAM_BA1 / share pin with read status pin of HOST
interface
CKE
92
O
SDRAM_CKE
RAS_/RE_
93
O/I
(pu)
SDRAM_RAS / share pin with read enable pin of HOST
interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com