Electronic Components Datasheet Search
  English  ▼

X  

ML12513 Datasheet(PDF) 6 Page - LANSDALE Semiconductor Inc.

Part # ML12513
Description  MECL PLL Components Dual Modulus Prescaler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12513 Datasheet(HTML) 6 Page - LANSDALE Semiconductor Inc.

Back Button ML12513 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12513 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12513 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12513 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12513 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12513 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12513 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12513 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML12513 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.lansdale.com
Page 6 of 12
Issue 0
LANSDALE Semiconductor, Inc.
ML12509, ML12511, ML12513
Figure 5. AC Test Circuit
–
All Pulse Generators are EH 137 or equiv.
Pulse
Generator
#4
Pulse Generators 1, 2 and 4:
PRF = 10 MHz
PW = 50% Duty Cycle
t + = t – = 2.0
± 0.2 ns
Pulse Generator 3:
PRF = 2.0 MHz
PW = 50% Duty Cycle
t + = t – = 5.0
± 0.5 ns
All resistors are +1%.
All input and output cables to the scope are equal lengths of 50
Ω coaxial cable.
The 1950
Ω resistor at Pin 7 and the scope termination impedance constitute a 40 :1 attenuator probe.
CT = 15 pF = total parasitic capacitance which includes probe, wiring, and load capacitance.
Unused output connected to a 50
Ω resistor to ground.
Vin
50
100
Vin
Pulse
Generator
#1
Pulse
Generator
#2
Pulse
Generator
#3
A
MC10109 or equiv.
(Scope Channel A)
50
950
VCC = 2.0 V
25
µF
13
12
11
10
9
15
14
5
4
0.1
µF
+
VEE = –3.0 V
8
MECL
to
MTTL
Trans–
lator
VBB
C
E5
E4
E3
E2
E1
16
16
0.1
µF
2
3
7
VEE = –3.0 V
CT
1950
Vout
Vout (Scope Channel B)
Q
Q
50
100
Vin
50
Vin
Vout
NOTES: 1. Test outputs of the device must be tested by sequencing through the truth table. All input, power supply and
ground voltages must be maintained between tests. The clock input is the waveform shown.
2. In addition to meeting the output levels specified, the device must divide by 5 or 8 during this test. The clock
input is the waveform shown.
3. In addition to meeting the output levels specified, the device must divide by 6 or 9 during this test. The clock
input is the waveform shown.
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50
Ω resistor to –2.0 V. Test procedures are shown for only one gate. The other gates are tested in the same
manner.
VIHmax
VILmin
Clock Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com