Electronic Components Datasheet Search
  English  ▼

X  

ML12513 Datasheet(PDF) 8 Page - LANSDALE Semiconductor Inc.

Part # ML12513
Description  MECL PLL Components Dual Modulus Prescaler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12513 Datasheet(HTML) 8 Page - LANSDALE Semiconductor Inc.

Back Button ML12513 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12513 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12513 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12513 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12513 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12513 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML12513 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML12513 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML12513 Datasheet HTML 12Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.lansdale.com
Page 8 of 12
Issue 0
LANSDALE Semiconductor, Inc.
ML12509, ML12511, ML12513
Figure 6. Maximum Frequency Test Circuit
DIVIDE BY 6
800 mV
Clock
Input
Q (Pin 2)
3 Cycles
3 Cycles
850 mV typ
DIVIDE BY 9
800 mV
850 mV typ
5 Cycles
4 Cycles
Clock
Input
Q (Pin 2)
1.0 k
(To Scope)
Vin
VEE
0.1
µF
0.1
µF
0.1
µF
0.1
µF
5.0
µF
13
12
11
10
9
15
14
VEE = –3.0 V
8
VBB
C
E5
E4
E3
E2
E1
116
VCC = 2.0 V
Vout
to
Scope
2
3
Q
Q
Unused output connected to a 50
Ω resistor to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com