Electronic Components Datasheet Search
  English  ▼

X  

ML13155 Datasheet(PDF) 1 Page - LANSDALE Semiconductor Inc.

Part # ML13155
Description  Wideband FM IF
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13155 Datasheet(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML13155 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.lansdale.com
Page 1 of 16
Issue A
ML13155
Wideband FM IF
Legacy Device: Motorola MC13155
The ML13155 is a complete wideband FM detector designed for
satellite TV and other wideband data and analog FM applica-
tions. This device may be cascaded for higher IF gain and
extended Receive Signal Strength Indicator (RSSI) range.
• 12 MHz Video/Baseband Demodulator
• Ideal for Wideband Data and Analog FM Systems
• Limiter Output for Cascade Operation
• Low Drain Current: 7.0 mA
• Low Supply Voltage: 3.0 to 6.0 V
• Operates to 300 Mhz
• Operating Temperature Range TA = –40 to +85°C
SO–16 = -5P
PLASTIC PACKAGE
CASE 751B
(SO–16)
16
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
SO 16
MC13155D
ML13155-5P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from ML to MLE.
PIN CONNECTIONS
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
(Top View)
9
Input
Decouple
VCC1
Output
Output
VCC2
Limiter Out
Quad Coil
Input
Decouple
VEE1
RSSI Buffer
RSSI
VEE2
Limiter Out
Quad Coil
SEMICONDUCTOR TECHNICAL DATA
MAXIMUM RATINGS
Rating
Pin
Symbol
Value
Unit
Power Supply Voltage
11, 14
VEE (max)
6.5
Vdc
Input Voltage
1, 16
Vin
1.0
Vrms
Junction Temperature
–
TJ
+150
°C
Storage Temperature Range
–
Tstg
– 65 to +150
°C
NOTE:
Devices should not be operated at or outside these values. The “Recommended
Operating Conditions” provide for actual device operation.
Figure 1. Representative Block Diagram
Three Stage
Amplifier
Detector
Quad
Coil
8
9
Limiter
Output
Balanced
Outputs
Decouple
7
5
4
2
1
16
10
12
13
Limiter
Output
RSSI
Output
Buffered
RSSI
Output
15
Decouple
NOTE: This device requires careful layout and decoupling to ensure stable operation.
Input
Input


Similar Part No. - ML13155

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155 Datasheet
355Kb / 16P
Wideband FM IF
ML13155-5P LANSDALE-ML13155-5P Datasheet
355Kb / 16P
Wideband FM IF
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
Wideband FM IF
More results

Similar Description - ML13155

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
WIDEBAND FM/FSK IF RECEIVER
logo
Motorola, Inc
MC13158 MOTOROLA-MC13158 Datasheet
381Kb / 24P
WIDEBAND FM IF SUBSYSTEM FOR DECT AND DIGITAL APPLICATIONS
MC13156 MOTOROLA-MC13156 Datasheet
363Kb / 20P
Wideband FM IF System
logo
LANSDALE Semiconductor ...
ML13156 LANSDALE-ML13156 Datasheet
3Mb / 21P
Wideband FM IF System
ML13158 LANSDALE-ML13158 Datasheet
1,008Kb / 23P
Wideband FM IF Subsystem For Dect and Digital Applications
logo
Motorola, Inc
MC13155 MOTOROLA-MC13155 Datasheet
310Kb / 16P
Wideband FM IF
MC13159 MOTOROLA-MC13159 Datasheet
157Kb / 8P
WIDEBAND FM IF SUBSYSTEM FOR PHS AND DIGITAL APPLICATIONS
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
Wideband FM IF
ML13156 LANSDALE-ML13156_08 Datasheet
2Mb / 21P
Wideband FM IF System
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
Wideband FM IF
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com