Electronic Components Datasheet Search
  English  ▼

X  

ML13155 Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML13155
Description  Wideband FM IF
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13155 Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML13155 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.lansdale.com
Page 2 of 16
Issue A
ML13155
LANSDALE Semiconductor, Inc.
RECOMMENDED OPERATING CONDITIONS
Rating
Pin
Symbol
Value
Unit
Power Supply Voltage (TA= 25°C)
11, 14
VEE
– 3.0 to – 6.0
Vdc
–40C
TA
85°C
3, 6
VCC
Grounded
Maximum Input Frequency
1, 16
fin
300
MHz
Ambient Temperature Range
–
TJ
– 40 to + 85
°C
DC ELECTRICAL CHARACTERISTICS (TA = 25°C, no input signal.)
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
Drain Current
11
I11
2.0
2.8
4.0
mA
(VEE = – 5.0 Vdc)
14
I14
3.0
4.3
6.0
(VEE = – 5.0 Vdc)
14
I14
3.0
4.3
6.0
Drain Current Total (see Figure 3)
11, 14
ITotal
5.0
7.1
10
mA
(VEE = – 5.0 Vdc)
5.0
7.5
10.5
(VEE = – 6.0 Vdc)
5.0
7.5
10.5
(VEE = – 3.0 Vdc)
4.7
6.6
9.5
AC ELECTRICAL CHARACTERISTICS (TA = 25°C, fIF = 70 MHz, VEE = – 5.0 Vdc Figure 2, unless otherwise noted.)
Characteristic
Pin
Min
Typ
Max
Unit
Input for – 3 dB Limiting Sensitivity
1, 16
–
1.0
2.0
mVrms
Differential Detector Output Voltage (Vin = 10 mVrms)
4, 5
mVp–p
(fdev = ± 3.0 MHz) (VEE = – 6.0 Vdc)
470
590
700
(VEE = – 5.0 Vdc)
450
570
680
(VEE = – 3.0 Vdc)
380
500
620
Detector DC Offset Voltage
4, 5
– 250
–
250
mVdc
RSSI Slope
13
1.4
2.1
2.8
µA/dB
RSSI Dynamic Range
13
31
35
39
dB
RSSI Output
12
µA
(Vin = 100 µVrms)
–
2.1
–
(Vin = 1.0 mVrms)
–
2.4
–
(Vin = 10 mVrms)
16
24
36
(Vin = 100 mVrms)
–
65
–
(Vin = 500 mVrms)
–
75
–
RSSI Buffer Maximum Output Current (Vin = 10 mVrms)
13
–
2.3
–
mAdc
Differential Limiter Output
mVrms
(Vin = 1.0 mVrms)
7, 10
100
140
–
(Vin = 10 mVrms)
–
180
–
Demodulator Video 3.0 dB Bandwidth
4, 5
–
12
–
MHz
Input Impedance (Figure 14)
1, 16
@ 70 MHz
Rp (VEE = – 5.0 Vdc)
–
450
–
Ω
@ 70 MHz
Cp (C2=C15 = 100 p)
–
4.8
–
pF
Differential IF Power Gain
1, 7, 10, 16
–
46
–
dB
NOTE:
Positive currents are out of the pins of the device.
≤≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com