Electronic Components Datasheet Search
  English  ▼

X  

LM8342 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8342
Description  Programmable TFT VCOM Calibrator with Non-Volatile
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8342 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM8342 Datasheet HTML 8Page - National Semiconductor (TI) LM8342 Datasheet HTML 9Page - National Semiconductor (TI) LM8342 Datasheet HTML 10Page - National Semiconductor (TI) LM8342 Datasheet HTML 11Page - National Semiconductor (TI) LM8342 Datasheet HTML 12Page - National Semiconductor (TI) LM8342 Datasheet HTML 13Page - National Semiconductor (TI) LM8342 Datasheet HTML 14Page - National Semiconductor (TI) LM8342 Datasheet HTML 15Page - National Semiconductor (TI) LM8342 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Application Section (Continued)
The timing diagram shows the major aspect of the commu-
nication protocol and represents a typical data stream. In
case a master wants to setup a data transfer, it tests if “the
bus is busy.” If it is not busy, then the master starts the data
transfer by creating a “start data transfer” situation. Accord-
ingly the corresponding receiver is selected by sending the
appropriate “slave address.” This receiver gives an “ac-
knowledge” on recognizing its address on the bus. The
master continues the data transfer by sending the data
stream. Again the receiver gives an “acknowledge” after
receipt. Depending on the amount of data the master will
continue or create a “stop data transfer” situation. Table 2
gives a more detailed description of the I
2C compatible
communication.
TABLE 2. Detailed Description of I
2C compatible
Communication Definitions
Bus not busy
The I
2C compatible bus is not busy
when both data (SDA) and clock
(SCL) lines remain HIGH. The
controller can initiate data transfer
only when the bus is not busy.
Start Data Transfer
Starting from an idle state (bus not
busy) a START condition consists
of a HIGH to LOW transition of
SDA while SCL is HIGH. All
commands must start with a START
condition.
Slave address
After generating a start condition,
the master transmits a 7-bit slave
address. (The LM8342 uses the 8th
bit for selecting the R/W operation,
but this does not affect the
address.) The address for the
LM8342 is 9E
HEX.
R/W-bit
If the value of the R/W bit is HIGH,
the data is read from the register of
the LM8342. Otherwise the current
DAC setting is written to the
LM8342.
Acknowledge
A receive device, when addressed,
is obliged to generate an
“acknowledge” after the reception of
each byte. The master generates
an extra clock cycle that is
associated with this acknowledge
bit. The receiver has to pull down
the SDA line during the
acknowledge clock pulse so that
the SDA line is stable LOW during
the HIGH period of SCL, with
respect to the SCL timing
specifications.
Data byte
A data byte consists of 8 bits. 7 bits
are used for the DAC setting of the
LM8342. The 8th bit is known as
the P-bit.
P-bit
The function of the P-bit depends
on the Read/Write operation
(R/W-bit). During a Read operation
of the LM8342, the P-bit indicates
the programming state of the
EEPROM. During a Write operation,
the register or both the register and
the EEPROM of the LM8342 can
be selected as destination. A more
detailed description of the P-bit is
given in Table 3 .
Stop Data Transfer
A STOP condition consists of a
LOW to HIGH transition of SDA
while SCL is HIGH. All operations
must be ended with a STOP
condition.
20139204
FIGURE 6. Timing Diagram
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com