Electronic Components Datasheet Search
  English  ▼

X  

LM8342 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8342
Description  Programmable TFT VCOM Calibrator with Non-Volatile
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8342 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM8342 Datasheet HTML 8Page - National Semiconductor (TI) LM8342 Datasheet HTML 9Page - National Semiconductor (TI) LM8342 Datasheet HTML 10Page - National Semiconductor (TI) LM8342 Datasheet HTML 11Page - National Semiconductor (TI) LM8342 Datasheet HTML 12Page - National Semiconductor (TI) LM8342 Datasheet HTML 13Page - National Semiconductor (TI) LM8342 Datasheet HTML 14Page - National Semiconductor (TI) LM8342 Datasheet HTML 15Page - National Semiconductor (TI) LM8342 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Typical Application (Continued)
TABLE 4. Overview Resistor Values for Different R
SET
Settings at AV
DD = 15V
AV
DD = 15V (VCOM Level = 7.5 V)
R
SET =10k
Ω
R
SET =45k
Ω
∆V
COM
(V)
R1
(
Ω)
R2
(
Ω)
∆V
COM
(V)
R1
(
Ω)
R2
(
Ω)
±0.5
25k
28.6k
±0.5
113k
129k
±1
47.1k
61.5k
±1
212k
277k
±1.5
66.7k
100k
±1.5
300k
450k
±2
84.2k
146k
±2
379k
655k
±2.5
100k
200k
±2.5
450k
900k
±3
114k
267k
±3
514k
1.2M
EVALUATION SYSTEM
For the LM8342 a complete evaluation system is available,
including two boards. Figure 10 gives a schematic represen-
tation.
•
LM8342 Evaluation Board
This board demonstrates the functionality of the LM8342
using the I
2C compatible interface for communication.
The LM8342 can easily be demonstrated in 2 applica-
tions:
— Programmable current sink
— Programmable V
COM level driver
•
LM8342 Programmer Board
This test board has dedicated functionality for communi-
cating with the LM8342, using the I
2C compatible inter-
face. This board can operate in two different modes:
— Write mode: The digitized value of a potentiometer
setting is written to the LM8342. The user can select
on the programmer board to write the data to the
register or to store the data in the EEPROM.
— Read mode: The board reads the stored values from
the LM8342’s EEPROM and presents this data onto a
3-digit display.
LAYOUT RECOMMENDATIONS
A proper layout is necessary for optimum performance of the
LM8342. A low impedance and proper ground plane (free of
disturbances) is recommended, since a current of up to 10
mA can flow with HF contents during programming. The
traces from the GND pin to the ground plane should be as
short as possible. It is recommended to place decoupling
capacitors close to the V
DD and AVDD pins. Connections of
these decoupling capacitors to the ground plane should be
short.
As SET is a sensitive input, crosstalk to that pin should be
prevented. Special care should be taken when routing the
interface connections. The signals on the serial interface can
be more than 60 dB larger than the equivalent LSB at the
SET input pin. Crosstalk between the interface bus and R
SET
results in disturbance of the output current I
OUT
of the
LM8342.
For applications requiring a low output current (using high
values for R
SET in combination with low DAC settings) spe-
cial attention should be paid to the parasitic capacitance
(C
PAR) parallel to RSET. For CPAR larger than tens of pF, a
small (<1 LSB) unwanted ripple at the output current might
be obtained. It is recommended to place the R
SET resistor
close to the LM8342, in combination with a good board
layout to reduce this parasitic capacitance.
20139232
FIGURE 10. LM8342 Evaluation System
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com