Electronic Components Datasheet Search
  English  ▼

X  

ISO7220ADRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7220ADRG4
Description  DUAL DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7220ADRG4 Datasheet(HTML) 1 Page - Texas Instruments

  ISO7220ADRG4 Datasheet HTML 1Page - Texas Instruments ISO7220ADRG4 Datasheet HTML 2Page - Texas Instruments ISO7220ADRG4 Datasheet HTML 3Page - Texas Instruments ISO7220ADRG4 Datasheet HTML 4Page - Texas Instruments ISO7220ADRG4 Datasheet HTML 5Page - Texas Instruments ISO7220ADRG4 Datasheet HTML 6Page - Texas Instruments ISO7220ADRG4 Datasheet HTML 7Page - Texas Instruments ISO7220ADRG4 Datasheet HTML 8Page - Texas Instruments ISO7220ADRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
ISO7221xD
1
2
3
4
5
6
7
8
GND2
INB
V
CC2
V
CC1
OUTB
GND1
INA
OUTA
ISO7220xD
1
2
3
4
5
6
7
8
GND2
INB
V
CC2
V
CC1
OUTB
GND1
OUTA
INA
ISO7220A, ISO7220C, ISO7220M
ISO7221A, ISO7221C, ISO7221M
SLLS755F – JULY 2006 – REVISED AUGUST 2007
DUAL DIGITAL ISOLATORS
• Operates with 3.3-V or 5-V Supplies
• 1, 25, and 150-Mbps Signaling Rate Options
• 4 kV ESD Protection
–
Low Channel-to-Channel Output Skew;
• High Electromagnetic Immunity
1 ns max
• –40°C to 125°C Operating Range
–
Low Pulse-Width Distortion (PWD);
1 ns max
• Industrial Fieldbus
–
Low Jitter Content; 1 ns Typ at 150 Mbps
–
Modbus
• Typical 25-Year Life at Rated Voltage
–
Profibus™
(see app. note SLLA197 and Figure 19)
–
DeviceNet™ Data Buses
• 4000-V
peak Isolation, 560 V peak VIORM
• Computer Peripheral Interface
–
UL 1577, IEC 60747-5-2 (VDE 0884, Rev 2),
• Servo Control Interface
IEC 61010-1
• Data Acquisition
–
50 kV/
μs Typical Transient Immunity
The ISO7220 and ISO7221 are dual-channel digital isolators. To facilitate PCB layout, the channels are oriented
in the same direction in the ISO7220 and in opposite directions in the ISO7221. These devices have a logic
input and output buffer separated by TI’s silicon-dioxide (SiO2) isolation barrier, providing galvanic isolation of up
to 4000 V. Used in conjunction with isolated power supplies, these devices block high voltage, isolate grounds,
and prevent noise currents on a data bus or other circuits from entering the local ground and interfering with or
damaging sensitive circuitry.
A binary input signal is conditioned, translated to a balanced signal, then differentiated by the capacitive isolation
barrier. Across the isolation barrier, a differential comparator receives the logic transition information, then sets
or resets a flip-flop and the output circuit accordingly. A periodic update pulse is sent across the barrier to
ensure the proper dc level of the output. If this dc-refresh pulse is not received every 4
μs, the input is assumed
to be unpowered or not being actively driven, and the failsafe circuit drives the output to a logic high state.
The small capacitance and resulting time constant provide very fast operation with signaling rates available from
0 Mbps (DC) to 150 Mbps.(1)The A- and C-option devices have TTL input thresholds and a noise filter at the
input that prevents transient pulses from being passed to the output of the device. The M-option devices have
CMOS Vcc/2 input thresholds and do not have the input noise-filter and the additional propagation delay.
These devices require two supply voltages of 3.3 V, 5 V, or any combination. All inputs are 5-V tolerant when
supplied from a 3.3-V supply and all outputs are 4-mA CMOS.
These devices are characterized for operation over the ambient temperature range of –40
°C to 125°C.
(1)
The signaling rate of a line is the number of voltage transitions that are made per second expressed in the units bps (bits per second).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DeviceNet is a trademark of Open DeviceNet Vendors Association.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ISO7220ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7220ADRG4 TI-ISO7220ADRG4 Datasheet
827Kb / 26P
DUAL DIGITAL ISOLATORS
ISO7220ADRG4 TI1-ISO7220ADRG4 Datasheet
1Mb / 35P
Dual Channel Digital Isolators
More results

Similar Description - ISO7220ADRG4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
Dual-Channel Digital Isolators
9/04-Data Sheet Changed from Rev. A to Rev. B
logo
Texas Instruments
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
DUAL DIGITAL ISOLATORS
ISO7220A-Q1 TI1-ISO7220A-Q1 Datasheet
751Kb / 24P
DUAL DIGITAL ISOLATORS
ISO7421A-Q1 TI1-ISO7421A-Q1 Datasheet
752Kb / 20P
LOW-POWER DUAL DIGITAL ISOLATORS
logo
Analog Devices
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7220A TI1-ISO7220A_15 Datasheet
1Mb / 35P
Dual Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com