Electronic Components Datasheet Search
  English  ▼

X  

ISO7220ADRG4 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7220ADRG4
Description  DUAL DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7220ADRG4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ISO7220ADRG4 Datasheet HTML 10Page - Texas Instruments ISO7220ADRG4 Datasheet HTML 11Page - Texas Instruments ISO7220ADRG4 Datasheet HTML 12Page - Texas Instruments ISO7220ADRG4 Datasheet HTML 13Page - Texas Instruments ISO7220ADRG4 Datasheet HTML 14Page - Texas Instruments ISO7220ADRG4 Datasheet HTML 15Page - Texas Instruments ISO7220ADRG4 Datasheet HTML 16Page - Texas Instruments ISO7220ADRG4 Datasheet HTML 17Page - Texas Instruments ISO7220ADRG4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
www.ti.com
TYPICAL CHARACTERISTIC CURVES
0
6
12
18
22
28
30
0
25
50
75
100
SignalingRate-Mbps
4
2
8
14
10
16
20
24
26
T =25°C,
15pFLoad
A
ISO7220x ICC2
ISO7220x ICC1
ISO7221x ICC1&2
0
2
4
6
8
10
12
14
16
18
20
0
25
50
75
100
SignalingRate-Mbps
T =25°C,
15pFLoad
A
ISO7220x ICC2
ISO7220x ICC1
ISO7221x ICC1&2
Temperature-°C
125
350
360
370
380
390
400
410
420
430
440
450
-40
-15
10
35
60
85
110
V
CC =3.3V
V
CC =5V
15pFLoad
t
pLH &tpHL
t
pLH &tpHL
Temperature-°C
125
-40
-15
10
35
60
85
110
V
CC =3.3V
V
CC =5V
15pFLoad
t
pLH &tpHL
t
pLH &tpHL
0
5
10
15
20
25
30
ISO7220A, ISO7220C, ISO7220M
ISO7221A, ISO7221C, ISO7221M
SLLS755F – JULY 2006 – REVISED AUGUST 2007
3.3-V RMS SUPPLY CURRENT
5-V RMS SUPPLY CURRENT
vs
vs
SIGNALING RATE (Mbps)
SIGNALING RATE (Mbps)
Figure 6.
Figure 7.
PROPAGATION DELAY
PROPAGATION DELAY
vs
vs
FREE-AIR TEMPERATURE, ISO722xA
FREE-AIR TEMPERATURE, ISO722xC
Figure 8.
Figure 9.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com