Electronic Components Datasheet Search
  English  ▼

X  

ISD5216P Datasheet(PDF) 13 Page - Winbond

Part # ISD5216P
Description  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216P Datasheet(HTML) 13 Page - Winbond

Back Button ISD5216P Datasheet HTML 9Page - Winbond ISD5216P Datasheet HTML 10Page - Winbond ISD5216P Datasheet HTML 11Page - Winbond ISD5216P Datasheet HTML 12Page - Winbond ISD5216P Datasheet HTML 13Page - Winbond ISD5216P Datasheet HTML 14Page - Winbond ISD5216P Datasheet HTML 15Page - Winbond ISD5216P Datasheet HTML 16Page - Winbond ISD5216P Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
ISD5216
Publication Release Date: Jan. 31, 2006
- 13 -
Revision B.4
7.2.2. Digital Input to Analog Output Path
The digital input interface must be selected to either PCM or I
2S using the interface selector bit (I2S0)
in the configuration register. The compression format must also be selected with bits (LAW1 – LAW0)
in the configuration registers.
The external clock input signal on pin MCLK and the internal clock dividers must be set to values
supporting the selected digital input signal.
The digital smoothing and interpolation filter runs at 3.4 kHz and feeds the
ΣΔ D/A converter that can
be switched off to conserve power and reduce noise using the D/A power down bit (DAPD).
The analog output amplifier gain is controlled from configuration registers bits (COG2 – COG0) from -
8 dB to +6 dB.
7.2.3. CODEC External Clock Configuration
The ISD5216 has two Master Clock configuration bits that allow four possible Master Clock
frequencies. Bits CKD2 and CKDV set the Master Clock Division ratios. These are bits D12 and D8 of
CFG2, respectively. The combination of these bits, with the sample rate bit HSR0, also set the
CODEC sample frequency as shown in the following table.
Master Clock Possible Settings
FMCLK
HSR0 (D5)
(CFG2)
CKD2 (D12)
(CFG2)
CKDV (D8)
(CFG2)
FSCODEC
13.824 MHz
0
0
0
8 kHz
20.48 MHz
0
0
1
11.852 kHz*
27.648 MHz
0
1
0
8 kHz
40.96 MHz
0
1
1
11.852 kHz*
13.824 MHz
1
0
0
32 kHz*
20.48 MHz
1
0
1
44.1 - 48 kHz
27.648 MHz
1
1
0
32 kHz*
40.96 MHz
1
1
1
44.1-48 kHz
*not tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com