Electronic Components Datasheet Search
  English  ▼

X  

ISD5216P Datasheet(PDF) 2 Page - Winbond

Part # ISD5216P
Description  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216P Datasheet(HTML) 2 Page - Winbond

  ISD5216P Datasheet HTML 1Page - Winbond ISD5216P Datasheet HTML 2Page - Winbond ISD5216P Datasheet HTML 3Page - Winbond ISD5216P Datasheet HTML 4Page - Winbond ISD5216P Datasheet HTML 5Page - Winbond ISD5216P Datasheet HTML 6Page - Winbond ISD5216P Datasheet HTML 7Page - Winbond ISD5216P Datasheet HTML 8Page - Winbond ISD5216P Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
ISD5216
- 2 -
1. GENERAL DESCRIPTION
The ChipCorder ISD5216 is an 8 to 16 minute Voice and Data Record and Playback system with
integrated Voice band CODEC. The device works on a single 2.7V to 3.3V supply, and has fully
integrated system functions, including: AGC, microphone preamplifier, speaker driver, memory and
CODEC. The CODEC meets the PCM conformance specification of the G.714 recommendation. Its μ-
Law and A-Law compander meets the specification of the ITU-T G.711 recommendation.
2. FEATURES
•
Single Supply 2.7 to 3.3 Volt operation
•
Voice and digital data record and playback system on a single chip
•
Industry-leading sound quality
•
Low voltage operation
•
Message management
•
Fully integrated system functions
•
Flexible architecture
•
Nonvolatile message storage
•
Configurable ChipCorder sampling rates of 4 kHz, 5.3kHz, 6.4 kHz and 8kHz
•
8, 10, 12 and 16 minutes duration
•
External or internal Voice recorder clock
•
I2C serial interface (400kHz)
•
Configurable analog paths
•
2.2V Microphone Bias Pin
•
100 year message retention (typical)
•
100K analog record cycles (typical)
•
10K digital record cycles (typical)
•
Full-duplex (not in I2S mode) single channel speech CODEC with:
o
External 13.824 MHz, 27.648 MHz, 20.48 MHz or 40.96 MHz master clock
o
I2S and PCM digital audio interface ports
o
Serial transfer data rate from 64 to 3072 Kbps
o
Short and Long frame sync formats
o
2s complement and signed magnitude data format
o
Complete μ-Law and A-Law companding
o
Linear 14 bit
ΔΣ PCM CODEC-filter for A/D and D/A converter
o
8 kHz or 44.1 kHz – 48 kHz digital audio sampling rate options
o
Analog receive and transmit gain adjust
o
Configurable setup through the I2C interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com