Electronic Components Datasheet Search
  English  ▼

X  

3000752 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3000752
Description  UK 5-HEDI N GY - Lever-type disconnect terminal block
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3000752 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3000752 Datasheet HTML 1Page - PHOENIX CONTACT 3000752 Datasheet HTML 2Page - PHOENIX CONTACT 3000752 Datasheet HTML 3Page - PHOENIX CONTACT 3000752 Datasheet HTML 4Page - PHOENIX CONTACT 3000752 Datasheet HTML 5Page - PHOENIX CONTACT 3000752 Datasheet HTML 6Page - PHOENIX CONTACT 3000752 Datasheet HTML 7Page - PHOENIX CONTACT 3000752 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Lever-type disconnect terminal block, nom. voltage: 500 V, nominal current: 16 A, connection
method: Screw connection, Rated cross section: 1.5 mm2, cross section: 0.2 mm2 - 6 mm2,
mounting: NS 35/7,5, NS 35/15, NS 32, color: gray/orange
Commercial data
Item number
3000752
Packing unit
50 pc
Minimum order quantity
50 pc
Product key
BE1234
Catalog page
Page 491 (C-1-2019)
GTIN
4046356708982
Weight per piece (including packing)
15.336 g
Weight per piece (excluding packing)
9.074 g
Country of origin
CN
UK 5-HEDI N GY - Lever-type disconnect terminal
block
3000752
https://www.phoenixcontact.com/us/products/3000752
Feb 3, 2025, 1:04 AM
Page 1 (8)


Similar Part No. - 3000752

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3000754 PHOENIX-3000754 Datasheet
59Kb / 4P
Electronic device circuit breaker - EC 1 12DC/1A S-C
12/21/2015
3000754 PHOENIX-3000754 Datasheet
900Kb / 7P
12 V DC electronic circuit breakers
2014-04-09
3000755 PHOENIX-3000755 Datasheet
900Kb / 7P
12 V DC electronic circuit breakers
2014-04-09
3000756 PHOENIX-3000756 Datasheet
900Kb / 7P
12 V DC electronic circuit breakers
2014-04-09
3000757 PHOENIX-3000757 Datasheet
900Kb / 7P
12 V DC electronic circuit breakers
2014-04-09
More results

Similar Description - 3000752

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3000563 PHOENIX-3000563 Datasheet
72Kb / 5P
Knife disconnect terminal block - UK 5 N-MT
3004168 PHOENIX-3004168 Datasheet
76Kb / 5P
Test disconnect terminal block - UK 5-HESI-T OG
3046249 PHOENIX-3046249 Datasheet
87Kb / 6P
Lever-type disconnect terminal block - UT 4-HEDI
3046456 PHOENIX-3046456 Datasheet
82Kb / 6P
Lever-type disconnect terminal block - UT 4-HEDI BU
3206678 PHOENIX-3206678 Datasheet
86Kb / 6P
Lever-type disconnect terminal block - QTC 2,5-HEDI
3214324 PHOENIX-3214324 Datasheet
84Kb / 6P
Lever-type disconnect terminal block - UT 4-PE/L/HEDI
3214326 PHOENIX-3214326 Datasheet
86Kb / 7P
Lever-type disconnect terminal block - UT 4-L/HEDI
3035140 PHOENIX-3035140 Datasheet
455Kb / 16P
Lever-type disconnect terminal block - ST 4-HEDI
3046252 PHOENIX-3046252 Datasheet
478Kb / 20P
Lever-type disconnect terminal block - UT 4-HEDI-P/P
3000604 PHOENIX-3000604 Datasheet
211Kb / 20P
Disconnect terminal block - UK 5 N-TG
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com