Electronic Components Datasheet Search
  English  ▼

X  

3000752 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3000752
Description  UK 5-HEDI N GY - Lever-type disconnect terminal block
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3000752 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3000752 Datasheet HTML 1Page - PHOENIX CONTACT 3000752 Datasheet HTML 2Page - PHOENIX CONTACT 3000752 Datasheet HTML 3Page - PHOENIX CONTACT 3000752 Datasheet HTML 4Page - PHOENIX CONTACT 3000752 Datasheet HTML 5Page - PHOENIX CONTACT 3000752 Datasheet HTML 6Page - PHOENIX CONTACT 3000752 Datasheet HTML 7Page - PHOENIX CONTACT 3000752 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical data
Product properties
Product type
Disconnect terminal block
Number of connections
2
Number of rows
1
Potentials
1
Insulation characteristics
Overvoltage category
III
Degree of pollution
3
Electrical properties
Rated surge voltage
6 kV
Maximum power dissipation for nominal condition
1.02 W
Connection data
Number of connections per level
2
Nominal cross section
4 mm²
Level 1 above 1 below 1
Screw thread
M3
Tightening torque
0.6 ... 0.8 Nm
Stripping length
8 mm
Internal cylindrical gage
A4
Connection in acc. with standard
IEC 60947-7-1
Conductor cross section rigid
0.2 mm² ... 6 mm²
Cross section AWG
24 ... 10 (converted acc. to IEC)
Conductor cross section flexible
0.2 mm² ... 4 mm²
Conductor cross section, flexible [AWG]
24 ... 12 (converted acc. to IEC)
Conductor cross-section flexible (ferrule without plastic sleeve)
0.25 mm² ... 4 mm²
Flexible conductor cross section (ferrule with plastic sleeve)
0.25 mm² ... 2.5 mm²
Cross-section with insertion bridge, rigid
4 mm²
Cross-section with insertion bridge, flexible
4 mm²
2 conductors with same cross section, solid
0.2 mm² ... 1.5 mm²
2 conductors with same cross section, flexible
0.2 mm² ... 1.5 mm²
2 conductors with same cross section, flexible, with ferrule
without plastic sleeve
0.25 mm² ... 1.5 mm²
2 conductors with the same cross section, flexible, with TWIN
ferrule with plastic sleeve
0.5 mm² ... 2.5 mm²
Nominal current
16 A
Maximum load current
16 A (with 4 mm² conductor cross section)
Nominal voltage
500 V
Nominal cross section
1.5 mm²
UK 5-HEDI N GY - Lever-type disconnect terminal
block
3000752
https://www.phoenixcontact.com/us/products/3000752
Feb 3, 2025, 1:04 AM
Page 2 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com