Electronic Components Datasheet Search
  English  ▼

X  

3244591 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 3244591
Description  UDMTKB 5-P/P GN - Feed-through terminal block
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3244591 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3244591 Datasheet HTML 1Page - PHOENIX CONTACT 3244591 Datasheet HTML 2Page - PHOENIX CONTACT 3244591 Datasheet HTML 3Page - PHOENIX CONTACT 3244591 Datasheet HTML 4Page - PHOENIX CONTACT 3244591 Datasheet HTML 5Page - PHOENIX CONTACT 3244591 Datasheet HTML 6Page - PHOENIX CONTACT 3244591 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Connection in acc. with standard
IEC 60947-7-1
Conductor cross section rigid
0.2 mm² ... 4 mm²
Cross section AWG
24 ... 12 (converted acc. to IEC)
Conductor cross section flexible
0.2 mm² ... 4 mm²
Conductor cross-section flexible (ferrule without plastic sleeve)
0.25 mm² ... 4 mm²
Flexible conductor cross section (ferrule with plastic sleeve)
0.25 mm² ... 2.5 mm²
2 conductors with same cross section, solid
0.2 mm² ... 1.5 mm²
2 conductors with same cross section, flexible
0.2 mm² ... 1.5 mm²
2 conductors with same cross section, flexible, with ferrule
without plastic sleeve
0.25 mm² ... 1.5 mm²
2 conductors with the same cross section, flexible, with TWIN
ferrule with plastic sleeve
0.5 mm² ... 2.5 mm²
Nominal current
8 A (with 4 mm² conductor cross section)
Maximum load current
10 A (in case of a 4 mm² conductor cross section, the maximum
load current must not be exceeded by the total current of all
connected conductors.)
Nominal voltage
400 V
Nominal cross section
4 mm²
Dimensions
Width
6.2 mm
Material specifications
Color
green (RAL 6021)
Flammability rating according to UL 94
V2
Insulating material group
I
Insulating material
PA
Static insulating material application in cold
-60 °C
Temperature index of insulation material (DIN EN 60216-1 (VDE
0304-21))
130 °C
Relative insulation material temperature index (Elec., UL 746 B)
130 °C
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R26
HL 1 - HL 3
Calorimetric heat release NFPA 130 (ASTM E 1354)
28 MJ/kg
Surface flammability NFPA 130 (ASTM E 162)
passed
Specific optical density of smoke NFPA 130 (ASTM E 662)
passed
Smoke gas toxicity NFPA 130 (SMP 800C)
passed
Mechanical properties
Mechanical data
Open side panel
No
Environmental and real-life conditions
UDMTKB 5-P/P GN - Feed-through terminal block
3244591
https://www.phoenixcontact.com/us/products/3244591
Feb 3, 2025, 12:42 AM
Page 3 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com