Electronic Components Datasheet Search
  English  ▼

X  

3244591 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 3244591
Description  UDMTKB 5-P/P GN - Feed-through terminal block
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3244591 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  3244591 Datasheet HTML 1Page - PHOENIX CONTACT 3244591 Datasheet HTML 2Page - PHOENIX CONTACT 3244591 Datasheet HTML 3Page - PHOENIX CONTACT 3244591 Datasheet HTML 4Page - PHOENIX CONTACT 3244591 Datasheet HTML 5Page - PHOENIX CONTACT 3244591 Datasheet HTML 6Page - PHOENIX CONTACT 3244591 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Ambient conditions
Ambient temperature (operation)
-60 °C ... 105 °C (max. short-term operating temperature RTI
Elec.)
Ambient temperature (storage/transport)
-25 °C ... 60 °C (for a short time, not exceeding 24 h, -60 °C to
+70 °C)
Ambient temperature (assembly)
-5 °C ... 70 °C
Ambient temperature (actuation)
-5 °C ... 70 °C
Permissible humidity (storage/transport)
30 % ... 70 %
Standards and regulations
IEC 60947-7-1
Connection in acc. with standard
IEC 60947-7-1
Mounting
NS 35/7,5
NS 35/15
Mounting type
NS 32
UDMTKB 5-P/P GN - Feed-through terminal block
3244591
https://www.phoenixcontact.com/us/products/3244591
Feb 3, 2025, 12:42 AM
Page 4 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com