Electronic Components Datasheet Search
  English  ▼

X  

PC357N Datasheet(PDF) 8 Page - Sharp Corporation

Part # PC357N
Description  Mini-flat Package General Purpose Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC357N Datasheet(HTML) 8 Page - Sharp Corporation

Back Button PC357N Datasheet HTML 4Page - Sharp Corporation PC357N Datasheet HTML 5Page - Sharp Corporation PC357N Datasheet HTML 6Page - Sharp Corporation PC357N Datasheet HTML 7Page - Sharp Corporation PC357N Datasheet HTML 8Page - Sharp Corporation PC357N Datasheet HTML 9Page - Sharp Corporation PC357N Datasheet HTML 10Page - Sharp Corporation PC357N Datasheet HTML 11Page - Sharp Corporation PC357N Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Sheet No.: D2-A00101EN
Remarks : Please be aware that all data in the graph are just for reference and not for guarantee.
8
10%
90%
Output
Input
Input
Please refer to the conditions in Fig.12
Output
RL
VCC
RD
ts
td
tr
tf
VCE
Fig.13 Test Circuit for Response Time
8
12
3
0
0
7
6
5
4
3
2
1
1mA
3mA
5mA
7mA
15
69
Forward current IF (mA)
IC
=0.5mA
Ta
=25˚C
Fig.14 Collector-emitter Saturation Voltage
vs. Forward Current
PC357N Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com