Electronic Components Datasheet Search
  English  ▼

X  

PC357N Datasheet(PDF) 10 Page - Sharp Corporation

Part # PC357N
Description  Mini-flat Package General Purpose Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC357N Datasheet(HTML) 10 Page - Sharp Corporation

Back Button PC357N Datasheet HTML 6Page - Sharp Corporation PC357N Datasheet HTML 7Page - Sharp Corporation PC357N Datasheet HTML 8Page - Sharp Corporation PC357N Datasheet HTML 9Page - Sharp Corporation PC357N Datasheet HTML 10Page - Sharp Corporation PC357N Datasheet HTML 11Page - Sharp Corporation PC357N Datasheet HTML 12Page - Sharp Corporation PC357N Datasheet HTML 13Page - Sharp Corporation PC357N Datasheet HTML 14Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Sheet No.: D2-A00101EN
■ Manufacturing Guidelines
10
Reflow Soldering:
Reflow soldering should follow the temperature profile shown below.
Soldering should not exceed the curve of temperature profile and time.
Please don't solder more than twice.
● Soldering Method
Flow Soldering :
Due to SHARP's double transfer mold construction submersion in flow solder bath is allowed under the below
listed guidelines.
Flow soldering should be completed below 260˚C and within 10s.
Preheating is within the bounds of 100 to 150˚C and 30 to 80s.
Please don't solder more than twice.
Hand soldering
Hand soldering should be completed within 3s when the point of solder iron is below 400˚C.
Please don't solder more than twice.
Other notices
Please test the soldering method in actual condition and make sure the soldering works fine, since the impact
on the junction between the device and PCB varies depending on the tooling and soldering conditions.
12
3
4
300
200
100
0
0
(˚C)
Terminal : 260˚C peak
( package surface : 250˚C peak)
Preheat
150 to 180˚C, 120s or less
Reflow
220˚C or more, 60s or less
(min)
PC357N Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com