Electronic Components Datasheet Search
  English  ▼

X  

AN610 Datasheet(PDF) 1 Page - Microchip Technology

Part # AN610
Description  Using the 24LC21 Dual Mode Serial EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN610 Datasheet(HTML) 1 Page - Microchip Technology

  AN610 Datasheet HTML 1Page - Microchip Technology AN610 Datasheet HTML 2Page - Microchip Technology AN610 Datasheet HTML 3Page - Microchip Technology AN610 Datasheet HTML 4Page - Microchip Technology AN610 Datasheet HTML 5Page - Microchip Technology AN610 Datasheet HTML 6Page - Microchip Technology AN610 Datasheet HTML 7Page - Microchip Technology AN610 Datasheet HTML 8Page - Microchip Technology AN610 Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 1995 Microchip Technology Inc.
DS00610A-page 1
INTRODUCTION
The Microchip Technology Inc. 24LC21 is a 1K-bit
(128 x 8) dual mode serial EEPROM that was
developed primarily for use in computer monitors. This
part was developed with inputs from several computer
monitor manufacturers, in accordance with the VESA®
(Video Electronics Standards Association) monitor
committee. This committee has developed a serial
communication protocol called Data Display Channel
(DDC
™) which was created to eliminate the need to
change dip switches when configuring a new system
or adding a new monitor or video card. The 24LC21
device is used in the monitor to store and transmit the
EDID (extended display ID) table which contains all
set-up parameters needed by the video card to
operate with a particular monitor. With this system, the
user can now plug any compatible monitor into any
compatible graphics board and the graphics board will
automatically know what type of monitor is being used
and
configure
itself
accordingly. This
automatic
configuration is the cornerstone for Microsoft®’s ‘Plug
and
Play’
capability
being
built
into
the
new
‘Windows 95
™’ release.
DEVICE OPERATION
The 24LC21 can operate in two modes of operation.
These two modes of operation are the transmit only
mode and bi-directional mode. Upon power-up, the
device will always be in the transmit-only mode.
Transmit only mode is also referred to as DDC1 mode.
The transmit only mode only allows the video card to
read the contents of the 24LC21 in a sequential
manner, one bit at a time. Writing to the device is not
possible in transmit only mode.
The
device
will
automatically
transition
to
the
bi-directional mode whenever a falling edge is seen on
the SCL pin. Bi-directional mode is also referred to as
DDC2 mode, and is implemented as the standard
I2C
™ protocol. This allows a controller to read and
write specific addresses in the device like a standard
I2C Serial EEPROM device. Once the device has
transitioned to the bi-directional mode, there is no way
to return to transmit only mode other than to reset
(power-down) the device.
Author:
Bruce Negley
Memory Products Division
TRANSMIT ONLY MODE (DDC1)
The 24LC21 will always power-up in the transmit only
mode. In this mode, the 24LC21 will output one bit of
data at the SDA pin for every rising edge on the VCLK
pin. The data will be transmitted in 8-bit words, with
each word followed by a 9th null bit. This null bit will
always be high. A timing diagram for transmit only
mode is shown in Figure 1. As long as VCLK is
present and no falling edges on SCL are received, the
24LC21 will repeatedly cycle through the entire
memory array.
PACKAGE TYPE
Upon power-up, the device will not output valid data
until it has been initialized. This initialization procedure
(Figure 1) data will not be available until after the first
9 clocks are sent to the device. The exact memory
location that the 24LC21 begins to transmit data is
unknown at power-up, and the initialization procedure
only initializes the device, not the starting address or
bit location. In order to for a controller to determine
what address is being read, a ‘framing’ or ‘syncing’
procedure must be executed by the video card.
1
2
3
4
5
6
7
8
VCC
VCLK
SCL
SDA
NC
NC
NC
VSS
AN610
Using the 24LC21 Dual Mode Serial EEPROM
Thi d
t
t d
ith F
M k
4 0 4


Similar Part No. - AN610

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN610 VISHAY-AN610 Datasheet
1Mb / 17P
PolarPAK Solder Joint Reliability Based on Thermal Fatigue IPC-9701
31-Aug-05
logo
Silicon Laboratories
AN610 SILABS-AN610 Datasheet
1Mb / 71P
Si48XX ATDD PROGRAMMING GUIDE
logo
Panasonic Semiconductor
AN6107 PANASONIC-AN6107 Datasheet
23Kb / 2P
Digital Communication IF Amplifier IC
AN6107SA PANASONIC-AN6107SA Datasheet
23Kb / 2P
Digital Communication IF Amplifier IC
AN6108SA PANASONIC-AN6108SA Datasheet
25Kb / 2P
Digital Communication IF Amplifier IC
More results

Similar Description - AN610

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCB2421 PHILIPS-PCB2421 Datasheet
112Kb / 24P
1K dual mode serial EEPROM
1997 Apr 01
logo
Microchip Technology
24LC21 MICROCHIP-24LC21_04 Datasheet
306Kb / 24P
1K 2.5V Dual Mode I2C Serial EEPROM
2004
24LCS21A MICROCHIP-24LCS21A_05 Datasheet
349Kb / 20P
1K 2.5V Dual Mode I2C??Serial EEPROM
2005
24LC21A MICROCHIP-24LC21A_08 Datasheet
357Kb / 26P
1K 2.5V Dual Mode I2C??Serial EEPROM
2008
24LC21AT-ISN MICROCHIP-24LC21AT-ISN Datasheet
357Kb / 26P
1K 2.5V Dual Mode I2C??Serial EEPROM
2008
24LC21 MICROCHIP-24LC21_13 Datasheet
379Kb / 24P
1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LCS21 MICROCHIP-24LCS21_13 Datasheet
240Kb / 24P
1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LC21A MICROCHIP-24LC21A Datasheet
180Kb / 18P
1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LC21A-I MICROCHIP-24LC21A-I Datasheet
180Kb / 18P
1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LC21T MICROCHIP-24LC21T Datasheet
236Kb / 24P
1K 2.5V Dual Mode I2C Serial EEPROM
05/28/04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com