Electronic Components Datasheet Search
  English  ▼

X  

ADS8515 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8515
Description  16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8515 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS8515 Datasheet HTML 9Page - Texas Instruments ADS8515 Datasheet HTML 10Page - Texas Instruments ADS8515 Datasheet HTML 11Page - Texas Instruments ADS8515 Datasheet HTML 12Page - Texas Instruments ADS8515 Datasheet HTML 13Page - Texas Instruments ADS8515 Datasheet HTML 14Page - Texas Instruments ADS8515 Datasheet HTML 15Page - Texas Instruments ADS8515 Datasheet HTML 16Page - Texas Instruments ADS8515 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.ti.com
OPA 627
GND
GND
GND
GND
Pin 1
Pin 7
−
Pin 2
+
Pin3
Pin4
Pin 6
−15 V
+15V
Vin
2.2 mF
100 nF
2 kW
22 pF
2 kW
22 pF
2.2 mF
2.2 mF
100 nF
2.2 mF
VIN
AGND1
REF
CAP
ADS8515
OPA 132
or
AGND2
DGND
GND
GND
ADS8515
SLAS460A – JUNE 2007 – REVISED NOVEMBER 2007
Figure 24. Typical Driving Circuit (±10 V, No Trim)
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS8515



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com