Electronic Components Datasheet Search
  English  ▼

X  

ADS8515 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8515
Description  16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8515 Datasheet(HTML) 3 Page - Texas Instruments

  ADS8515 Datasheet HTML 1Page - Texas Instruments ADS8515 Datasheet HTML 2Page - Texas Instruments ADS8515 Datasheet HTML 3Page - Texas Instruments ADS8515 Datasheet HTML 4Page - Texas Instruments ADS8515 Datasheet HTML 5Page - Texas Instruments ADS8515 Datasheet HTML 6Page - Texas Instruments ADS8515 Datasheet HTML 7Page - Texas Instruments ADS8515 Datasheet HTML 8Page - Texas Instruments ADS8515 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.ti.com
ADS8515
SLAS460A – JUNE 2007 – REVISED NOVEMBER 2007
ELECTRICAL CHARACTERISTICS (continued)
TA = -40°C to 85°C, fs = 250 kHz, VDIG = VANA = 5 V, using internal reference (unless otherwise noted)
ADS8515I
ADS8515IB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Full-scale
-0.5
0.5
-0.25
0.25
Int. Ref.
%FSR
error
(3) (4)
Full-scale error drift
Int. Ref.
±7
±7
ppm/
°C
Full-scale
-0.25
0.25
-0.1
0.1
Ext. 4.096-V Ref.
%FSR
error
(3) (4)
Full-scale error drift
Ext. 4.096-V Ref.
±2
±2
ppm/
°C
Bipolar zero error
(3)
-4
4
-2
2
mV
Bipolar zero error drift
±2
±2
ppm/
°C
Power supply sensitivity
-8
8
-8
8
+4.75 V < VD < +5.25 V
LSB
(VDIG = VANA = VD)
AC ACCURACY
SFDR
Spurious-free dynamic range
fI = 20 kHz
95
102
97
102
dB
(5)
THD
Total harmonic distortion
fI = 20 kHz
-100
-94
-100
-96
dB
fI = 20 kHz
87
91
89
91
dB
SINAD
Signal-to-(noise+distortion)
–60-dB Input
30
32
dB
SNR
Signal-to-noise ratio
fI = 20 kHz
88
92
90
92
dB
Full-power bandwidth
(6)
500
500
kHz
SAMPLING DYNAMICS
Aperture delay
5
5
ns
Transient response
FS Step
2
2
µs
Overvoltage recovery
(7)
150
150
ns
REFERENCE
Internal reference voltage
4.076
4.096
4.116
4.076
4.096
4.116
V
Internal reference source current (must
1
1
µA
use external buffer)
Internal reference drift
8
8
ppm/
°C
External reference voltage range for
3.9
4.096
4.2
3.9
4.096
4.2
V
specified linearity
External reference current drain
Ext. 4.096-V Ref.
100
100
µA
DIGITAL INPUTS
Logic levels
VIL
Low-level input voltage
VDIG = 1.65 V – 5.25 V
-0.3
0.8
-0.3
0.35*VDIG
V
VIH
High-level input voltage
VDIG = 1.65 V – 5.25 V
0.65*VDIG
VDIG+0.3 V
0.65*VDIG
VDIG+0.3 V
V
IIL
Low-level input current
VIL = 0 V
±10
±10
µA
IIH
High-level input current
VIH = 5 V
±10
±10
µA
DIGITAL OUTPUTS
Data format (Parallel 16-bits)
Data coding (Binary 2's complement)
VOL
Low-level output voltage
ISINK = 1.6 mA
0.4
0.4
V
VOH
High-level output voltage
ISOURCE = 500 µA
0.8
×V
DIG
0.8
×V
DIG
V
Hi-Z state,
±5
±5
µA
Leakage current
VOUT = 0 V to VDIG
Output capacitance
Hi-Z state
15
15
pF
DIGITAL TIMING
Bus access timing
83
83
ns
Bus relinquish timing
83
83
ns
POWER SUPPLIES
(3)
As measured with fixed resistors shown in Figure 22. Adjustable to zero with external potentiometer.
(4)
Full-scale error is the worst case of -full-scale or +full-scale deviation from ideal first and last code transitions, divided by the transition
voltage (not divided by the full-scale range) and includes the effect of offset error.
(5)
All specifications in dB are referred to a full-scale ±10-V input.
(6)
Full-power bandwidth is defined as the full-scale input frequency at which signal-to-(noise + distortion) degrades to 60 dB, or 10 bits of
accuracy.
(7)
Recovers to specified performance after 2 x FS input overvoltage.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS8515



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com