Electronic Components Datasheet Search
  English  ▼

X  

BUF22821 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # BUF22821
Description  Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF22821 Datasheet(HTML) 18 Page - Texas Instruments

Back Button BUF22821 Datasheet HTML 14Page - Texas Instruments BUF22821 Datasheet HTML 15Page - Texas Instruments BUF22821 Datasheet HTML 16Page - Texas Instruments BUF22821 Datasheet HTML 17Page - Texas Instruments BUF22821 Datasheet HTML 18Page - Texas Instruments BUF22821 Datasheet HTML 19Page - Texas Instruments BUF22821 Datasheet HTML 20Page - Texas Instruments BUF22821 Datasheet HTML 21Page - Texas Instruments BUF22821 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
www.ti.com
STATIC GAMMA CHANNELS
DYNAMIC GAMMA CONTROL
END-USER SELECTED GAMMA CONTROL
To update all 24 programmable output voltages
BUF22821
I C
2
Changein
OutputVoltages
OUT1
OUT22
5V
BKSEL
Switch
BUF22821
SBOS399 – JUNE 2007
The BUF22821 offers two static gamma buffers.
Dynamic gamma control is a technique used to
These two analog signal paths can be used to
improve
the
picture
quality
in
LCD
television
provide
additional
gamma
channels.
The
applications.
This
technique
typically
requires
STATOUTH
pin
is
a
buffered
version
of
the
switching gamma curves between frames. Using the
STATINH pin. The STATOUTL pin is a buffered
BKSEL pin to switch between two gamma curves will
version of the STATINL pin. For typical output swing,
not likely lead to good results because of the 750
µs
see the Typical Characteristics.
it takes to transfer the data from the nonvolatile
memory to the DAC register. However, dynamic
gamma control can still be accomplished by storing
two gamma curves in an external EEPROM and
Because the BUF22821 has two banks of nonvolatile
writing directly to the DAC register (nonvolatile).
memory, it is well-suited for providing two levels of
The
double
register
input
structure
saves
gamma control by using the BKSEL pin, as shown in
programming time by allowing updated DAC values
Figure 19. When the state of the BKSEL pin
to be pre-stored into the first register bank. Storage
changes,
the
BUF22821
updates
all
24
of this data can occur while a picture is still being
programmable buffer outputs simultaneously after
displayed. Because the data are only stored into the
750
µs (±80µs).
first register bank, the DAC/VCOM output values
To update all 24 programmable output voltages
remain unchanged—the display is unaffected. At the
simultaneously via hardware:
beginning or the end of a picture frame, the
DAC/VCOM outputs (and therefore, the gamma
Toggle the BKSEL pin to switch between Gamma
voltages) can be quickly updated by writing a '1' in bit
Curve 0 (stored in Bank0) and Gamma Curve 1
15 of any DAC/VCOM register. For details on the
(stored in Bank1).
operation of the double register input structure, see
All DAC/VCOM registers and output voltages are
the Updating the DAC Outputs section.
updated simultaneously after approximately 750
µs.
simultaneously via software:
STEP 1: Write to registers 1–24 with bit 15 always
'0'.
STEP 2: Write any DAC/VCOM register a second time
with identical data. Make sure that bit 15 is set to '1'.
All DAC/VCOM channels are updated simultaneously
after receiving the last bit of data.
Figure 19. Gamma Control
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com