Electronic Components Datasheet Search
  English  ▼

X  

HYS72T512341HKP Datasheet(PDF) 17 Page - Qimonda AG

Part # HYS72T512341HKP
Description  240-Pin Registered DDR2 SDRAM Modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T512341HKP Datasheet(HTML) 17 Page - Qimonda AG

Back Button HYS72T512341HKP Datasheet HTML 13Page - Qimonda AG HYS72T512341HKP Datasheet HTML 14Page - Qimonda AG HYS72T512341HKP Datasheet HTML 15Page - Qimonda AG HYS72T512341HKP Datasheet HTML 16Page - Qimonda AG HYS72T512341HKP Datasheet HTML 17Page - Qimonda AG HYS72T512341HKP Datasheet HTML 18Page - Qimonda AG HYS72T512341HKP Datasheet HTML 19Page - Qimonda AG HYS72T512341HKP Datasheet HTML 20Page - Qimonda AG HYS72T512341HKP Datasheet HTML 21Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Internet Data Sheet
Rev. 1.0, 2006-12
17
11032006-VX0M-M6IH
HYS72T512341H[H/J/K]P-[3.7/5]-B
Registered DDR2 SDRAM Modules
TABLE 14
Definitions for
I
DD
Distributed Refresh Current
t
CK = tCK.MIN., Refresh command every tRFC = tREFI interval, CKE is LOW and CS is HIGH between valid
commands, Other control and address inputs are SWITCHING, Data bus inputs are SWITCHING.
I
DD5D
Self-Refresh Current
CKE
≤ 0.2 V; external clock off, CK and CK at 0 V; Other control and address inputs are FLOATING, Data
bus inputs are FLOATING.
I
DD6 current values are guaranteed up to TCASE of 85 °C max.
I
DD6
All Bank Interleave Read Current
All banks are being interleaved at minimum
t
RC without violating tRRD using a burst length of 4. Control
and address bus inputs are STABLE during DESELECTS.
I
out = 0 mA.
I
DD7
6)
1)
V
DDQ = 1.8 V ± 0.1 V; VDD = 1.8 V ± 0.1 V
2)
I
DD specifications are tested after the device is properly initialized and IDD parameter are specified with ODT disabled.
3) Definitions for
I
DD see Table 14
4) For two rank modules: for all active current measurements the other rank is in Precharge Power-Down Mode
I
DD2P
5) For details and notes see the relevant Qimonda component data sheet
6)
I
DD1, IDD4R and IDD7 current measurements are defined with the outputs disabled (IOUT = 0 mA). To achieve this on module level the output
buffers can be disabled using an EMRS(1) (Extended Mode Register Command) by setting A12 bit to HIGH.
Parameter
Description
LOW
V
IN ≤ VIL(ac).MAX, HIGH is defined as VIN ≥ VIH(ac).MIN
STABLE
Inputs are stable at a HIGH or LOW level
FLOATING
Inputs are
V
REF = VDDQ /2
SWITCHING
Inputs are changing between HIGH and LOW every other clock (once per 2 cycles) for address and control
signals, and inputs changing between HIGH and LOW every other data transfer (once per cycle) for DQ
signals not including mask or strobes
Parameter
Symbol Note
1)2)3)4)5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com