Electronic Components Datasheet Search
  English  ▼

X  

HYS72T512341HKP Datasheet(PDF) 20 Page - Qimonda AG

Part # HYS72T512341HKP
Description  240-Pin Registered DDR2 SDRAM Modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T512341HKP Datasheet(HTML) 20 Page - Qimonda AG

Back Button HYS72T512341HKP Datasheet HTML 16Page - Qimonda AG HYS72T512341HKP Datasheet HTML 17Page - Qimonda AG HYS72T512341HKP Datasheet HTML 18Page - Qimonda AG HYS72T512341HKP Datasheet HTML 19Page - Qimonda AG HYS72T512341HKP Datasheet HTML 20Page - Qimonda AG HYS72T512341HKP Datasheet HTML 21Page - Qimonda AG HYS72T512341HKP Datasheet HTML 22Page - Qimonda AG HYS72T512341HKP Datasheet HTML 23Page - Qimonda AG HYS72T512341HKP Datasheet HTML 24Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Internet Data Sheet
Rev. 1.0, 2006-12
20
11032006-VX0M-M6IH
HYS72T512341H[H/J/K]P-[3.7/5]-B
Registered DDR2 SDRAM Modules
14
Error Checking SDRAM Width
04
04
04
15
Not used
00
00
00
16
Burst Length Supported
0C
0C
0C
17
Number of Banks on SDRAM Device
04
04
04
18
Supported CAS Latencies
38
38
38
19
DIMM Mechanical Characteristics
01
01
01
20
DIMM Type Information
01
01
01
21
DIMM Attributes
05
05
05
22
Component Attributes
07
07
07
23
t
CK @ CLMAX -1 (Byte 18) [ns]
3D
3D
3D
24
t
AC SDRAM @ CLMAX -1 [ns]
50
50
50
25
t
CK @ CLMAX -2 (Byte 18) [ns]
50
50
50
26
t
AC SDRAM @ CLMAX -2 [ns]
60
60
60
27
t
RP.MIN [ns]
3C
3C
3C
28
t
RRD.MIN [ns]
1E
1E
1E
29
t
RCD.MIN [ns]
3C
3C
3C
30
t
RAS.MIN [ns]
2D
2D
2D
31
Module Density per Rank
01
01
01
32
t
AS.MIN and tCS.MIN [ns]
25
25
25
33
t
AH.MIN and tCH.MIN [ns]
37
37
37
34
t
DS.MIN [ns]
10
10
10
35
t
DH.MIN [ns]
22
22
22
36
t
WR.MIN [ns]
3C
3C
3C
37
t
WTR.MIN [ns]
1E
1E
1E
38
t
RTP.MIN [ns]
1E
1E
1E
39
Analysis Characteristics
00
00
00
Product Type
Organization
4 GByte
4 GByte
4 GByte
×72
×72
×72
4 Ranks (
×4)
4 Ranks (
×4)
4 Ranks (
×4)
Label Code
PC2–4200P–444
PC2–4200P–444
PC2–4200P–444
JEDEC SPD Revision
Rev. 1.2
Rev. 1.2
Rev. 1.2
Byte#
Description
HEX
HEX
HEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com