Electronic Components Datasheet Search
  English  ▼

X  

R2880 Datasheet(PDF) 2 Page - RDC Semiconductor

Part # R2880
Description  FAST ETHERNET RISC PROCESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RDC [RDC Semiconductor]
Direct Link  http://www.rdc.com.tw/en/index.php
Logo RDC - RDC Semiconductor

R2880 Datasheet(HTML) 2 Page - RDC Semiconductor

  R2880 Datasheet HTML 1Page - RDC Semiconductor R2880 Datasheet HTML 2Page - RDC Semiconductor R2880 Datasheet HTML 3Page - RDC Semiconductor R2880 Datasheet HTML 4Page - RDC Semiconductor R2880 Datasheet HTML 5Page - RDC Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
R2880
R
RD
DC
C®®
R
RIISSC
C D
DSSPP C
Coom
mm
muunniiccaattiioonn
FAST ETHERNET RISC PROCESSOR
Specifications subject to change without notice, contact your sales representatives for the most update information.
Page 2 of 5
REV 1.0 Jun. 12 2007
1.
Features
l
CPU Core
- RDC’s proprietary RISC architecture
- Five-stage pipeline architecture
- Operation frequency: 100MHz
- Supports an 8K-byte uniform cache
l
ROM/RAM/SDRAM Controller and
Addressing Space
- Supports 16-bit data bus width
- Flash ROM/SRAM control interface
- SDRAM control interface
- 16M addressing space
- 64K-byte I/O space
l
Two Independent DMA Controllers
l
Interrupt Controller
- Provides 8 maskable external interrupt channels
l
Counter/ Timers
- Three independent 16-bit timers
- Timer 1 can be programmed as a watchdog timer
l
High Performance UART Ports
- Supports 2 high performance UARTs with
send/receive 16-byte FIFOs
- Programmable baud rate generators
- The data rates are programmable from 50 to
460.8K baud (max. to 1Mbps)
- The character options are programmable for 1 start
bit; 1, 1.5 or 2 stop bits; even, odd or no parity, 5~8
data bits
l
RDC Debug Tool Support
- RDC debug tool with a JTAG-like interface
l
General Programmable I/O
- 48 programmable I/O ports
- Pins individually configurable to input or output
mode
l
Two 10/100M Fast Ethernet MAC Ports
- IEEE 802.3u MII interface
- IEEE 802.3x flow control in full-duplex mode
- Internal loop-back self-test circuit support
- Descriptor architecture for packet TX/RX
l
PCI Control Interface Support
- Supports up to 5 PCI masters
- Speed up to 33MHz
l
Two Card Bus Interface Support
l
A Green Product
l
Package Type
-
208-pin PQFP
-
225-ball LFBGA
l
Operating Temperature : 0 ~ 70 ℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com