Electronic Components Datasheet Search
  English  ▼

X  

R2880 Datasheet(PDF) 3 Page - RDC Semiconductor

Part # R2880
Description  FAST ETHERNET RISC PROCESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RDC [RDC Semiconductor]
Direct Link  http://www.rdc.com.tw/en/index.php
Logo RDC - RDC Semiconductor

R2880 Datasheet(HTML) 3 Page - RDC Semiconductor

  R2880 Datasheet HTML 1Page - RDC Semiconductor R2880 Datasheet HTML 2Page - RDC Semiconductor R2880 Datasheet HTML 3Page - RDC Semiconductor R2880 Datasheet HTML 4Page - RDC Semiconductor R2880 Datasheet HTML 5Page - RDC Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
R2880
R
RD
DC
C®®
R
RIISSC
C D
DSSPP C
Coom
mm
muunniiccaattiioonn
FAST ETHERNET RISC PROCESSOR
Specifications subject to change without notice, contact your sales representatives for the most update information.
Page 3 of 5
REV 1.0 Jun. 12 2007
2.
Block Diagram
8K-B yte
L1
Cache
RDC
RISC CPU
MAC 0
MAC 1
PIO Unit
16550 UART
Serial Port 0
16550 UART
Serial Port 1
DMA
Controller
Unit
UART1
MII 0
MII 1
Timer
Controller
Unit
Interrupt
Controller
Unit
Clock & Power
Management
Uuit
X1
X2
VCC
Reset Unit
Chip
Select
Unit
Ref resh
Control Unit
SDRAM/B us Interf ace
Unit
GND
RST_n
PCIRST_n
UCS_n
MCS_n
PCS0_n
PCS1_n
PCS2_n
PCS3_n
PCS5_n
PCS6_n
RAS_n
CAS_n
W E_n
BA[1:0]
DQMH
DQML
UART0
P CI Arbiter
P CI Master
P CI Target
P CI Configuration
Register



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com