Electronic Components Datasheet Search
  English  ▼

X  

R8610 Datasheet(PDF) 2 Page - RDC Semiconductor

Part # R8610
Description  32 Bit RISC Micro Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RDC [RDC Semiconductor]
Direct Link  http://www.rdc.com.tw/en/index.php
Logo RDC - RDC Semiconductor

R8610 Datasheet(HTML) 2 Page - RDC Semiconductor

  R8610 Datasheet HTML 1Page - RDC Semiconductor R8610 Datasheet HTML 2Page - RDC Semiconductor R8610 Datasheet HTML 3Page - RDC Semiconductor R8610 Datasheet HTML 4Page - RDC Semiconductor R8610 Datasheet HTML 5Page - RDC Semiconductor R8610 Datasheet HTML 6Page - RDC Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
R8610
RDC®
RISC DSP Communication
32 Bit RISC Micro Controller
Specifications subject to change without notice, contact your sales representatives for the most update information.
Page 2 of 6
REV 1.1
Sep. 05 2007
1.
Features
n
Embedded RISC Controller
–
Full 32 bit RISC architecture
–
Supports diverse operation systems, including
MS-Windows, Linux and most of the popular 32 bit
RTOS
–
6-stage pipeline
–
Operation frequency: 133 MHz
–
Supports MMU function which includes 32 TLB
entries
n
MAC Controller
–
Supports two-port 10/100 Fast Ethernet MAC
–
IEEE 802.3u MII interface
–
IEEE 802.3x flow control in full-duplex mode
–
Descriptor architecture for packet TX/RX
n
Interrupt Controller
–
Provides two 8259 compatible interrupt controllers
which are cascaded internally
–
Independent programmable level/edge-triggered
interrupt channels
–
Serial IRQ supported
n
DMA Controller
–
Provides two 8237 DMA compatible controllers
which are cascaded internally
–
4 channels for 8-bit DMA transfer and 3
channels for 16 bit transfer
n
Two USB 2.0 Host Port Support
–
Supports HS, FS and LS
n
FIFO UART Port
–
A high performance UART port with transmit and
receive FIFOs
–
Supports the programmable baud rate generator
with the data rates from 50 to 115,200 bps
–
The character options are programmable for 1 start
bit; 1, 1.5 or 2 stop bits; even, odd or no parity; 5~8
data bits
n
PCI Control Interface
–
Supports PCI Rev 2.1 specification
–
32-bit bus interface
–
Supports PCI clock at 33 MHz
–
Supports PCI host
–
Supports PCI master/ slave
–
Up to 133 Mbytes / Sec. maximum bandwidth
–
Supports up to 3 external master devices on PCI
–
Provides four PCI interrupt channels
n
LPC ( Low Pin Count ) Bus Interface
–
LPC revision 1.0 compliant
–
Supports LPC/FWH ( Firmware Hub ) compliant
interfaces
–
Provides the interface to connect an LPC/FWH
Flash ROM or Super I/O chip
–
Supports LPC DMA
–
Supports serial IRQ
–
Supports 8/16/32-bit transfer size
–
Supports bus master request in DMA channel 4
n
X-Bus Interface
–
Provides the interface to boot ROM BIOS & DOC
(Disk On Chip).
–
Supports 8/16 bit data width
–
Provides ROMCS_n for booting from X-bus Flash
ROM
–
Supports from 64K byte to max 16M byte ROM
space addressing
–
Supports two independent and programmable CSs
( Chip Selects )
n
SDRAM Control Interface
–
PC100/ PC133 compliant
–
Supports 16-bit data bus width
–
Supports speeds up to 133 MHz and above
–
Supports maximum 128 MB memory space
n
On-Chip L1 16KB Cache
–
Unified instructions and data cache
–
Supports write through for cache write policy
–
Snooping mechanism support for data coherence
between main memory and cache
–
Direct map
n
General Programmable I / O
–
Supports 58 programmable I/ O pins



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com