Electronic Components Datasheet Search
  English  ▼

X  

R8610 Datasheet(PDF) 5 Page - RDC Semiconductor

Part # R8610
Description  32 Bit RISC Micro Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RDC [RDC Semiconductor]
Direct Link  http://www.rdc.com.tw/en/index.php
Logo RDC - RDC Semiconductor

R8610 Datasheet(HTML) 5 Page - RDC Semiconductor

  R8610 Datasheet HTML 1Page - RDC Semiconductor R8610 Datasheet HTML 2Page - RDC Semiconductor R8610 Datasheet HTML 3Page - RDC Semiconductor R8610 Datasheet HTML 4Page - RDC Semiconductor R8610 Datasheet HTML 5Page - RDC Semiconductor R8610 Datasheet HTML 6Page - RDC Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
R8610
RDC®
RISC DSP Communication
32-Bit RISC Micro Controller
Specifications subject to change without notice, contact your sales representatives for the most update information.
Page 5 of 6
REV 1.1
Sep. 05 2007
4. Package Information
LQFP: 216 pins
Dimension in mm
Symbol
Min.
Nom.
Max.
A
--
--
1.60
A1
0.05
--
0.15
A2
1.35
1.40
1.45
b
0.13
0.18
0.23
D
25.85
26.00
26.15
D1
23.90
24.00
24.10
E
25.85
26.00
26.15
E1
23.90
24.00
24.10
e
0.40 BSC
L
0.45
0.60
0.75
L1
1.00 REF
R1
0.08
--
--
R2
0.08
--
--
S
0.20
--
--
Θ
0°
3.5°
7°
Θ1
0°
--
--
Θ2
11°
12°
13°
Θ3
11°
12°
13°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com