Electronic Components Datasheet Search
  English  ▼

X  

FAN3121CMPX Datasheet(PDF) 13 Page - ON Semiconductor

Part # FAN3121CMPX
Description  Single 9-A High-Speed,Low-Side Gate Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3121CMPX Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FAN3121CMPX Datasheet HTML 9Page - ON Semiconductor FAN3121CMPX Datasheet HTML 10Page - ON Semiconductor FAN3121CMPX Datasheet HTML 11Page - ON Semiconductor FAN3121CMPX Datasheet HTML 12Page - ON Semiconductor FAN3121CMPX Datasheet HTML 13Page - ON Semiconductor FAN3121CMPX Datasheet HTML 14Page - ON Semiconductor FAN3121CMPX Datasheet HTML 15Page - ON Semiconductor FAN3121CMPX Datasheet HTML 16Page - ON Semiconductor FAN3121CMPX Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
FAN3121, FAN3122
www.onsemi.com
13
APPLICATIONS INFORMATION
The FAN3121 and FAN3122 family offers versions in
either TTL or CMOS input configuration. In the FAN3121T
and
FAN3122T,
the
input
thresholds
meet
industry−standard TTL−logic thresholds independent of the
VDD voltage, and there is a hysteresis voltage of
approximately 0.7 V. These levels permit the inputs to be
driven from a range of input logic signal levels for which a
voltage over 2 V is considered logic HIGH. The driving
signal for the TTL inputs should have fast rising and falling
edges with a slew rate of 6 V/
ms or faster, so the rise time
from 0 to 3.3 V should be 550 ns or less.
The FAN3121 and FAN3122 output can be enabled or
disabled using the EN pin with a very rapid response time.
If EN is not externally connected, an internal pull−up
resistor enables the driver by default. The EN pin has logic
thresholds for parts with either TTL or CMOS IN thresholds.
In the FAN3121C and FAN3122C, the logic input
thresholds are dependent on the VDD level and, with VDD of
12 V, the logic rising edge threshold is approximately 55%
of VDD and the input falling edge threshold is approximately
38% of VDD. The CMOS input configuration offers a
hysteresis voltage of approximately 17% of VDD. The
CMOS inputs can be used with relatively slow edges
(approaching DC) if
good decoupling and bypass
techniques are incorporated in the system design to prevent
noise from violating the input voltage hysteresis window.
This allows setting precise timing intervals by fitting an R−C
circuit between the controlling signal and the IN pin of the
driver. The slow rising edge at the IN pin of the driver
introduces a delay between the controlling signal and the
OUT pin of the driver.
Static Supply Current
In the IDD (static) Typical Performance Characteristics,
the curves are produced with all inputs / enables floating
(OUT is LOW) and indicates the lowest static IDD current
for the tested configuration. For other states, additional
current flows through the 100 k
W resistors on the inputs
and outputs, as shown in the block diagram (see Figure 7).
In these cases, the actual static IDD current is the value
obtained from the curves, plus this additional current.
MillerDrive Gate−Drive Technology
FAN312x gate drivers incorporate the MillerDrive
architecture shown in Figure 46. For the output stage, a
combination of bipolar and MOS devices provide large
currents over a wide range of supply voltage and
temperature variations. The bipolar devices carry the bulk of
the current as OUT swings between 1/3 to 2/3 VDD and the
MOS devices pull the output to the HIGH or LOW rail.
The purpose of the Miller Drive architecture is to speed up
switching by providing high current during the Miller
plateau region when the gate−drain capacitance of the
MOSFET is being charged or discharged as part of the
turn−on / turn−off process.
For applications with zero voltage switching during the
MOSFET turn−on or turn−off interval, the driver supplies
high peak current for fast switching, even though the Miller
plateau is not present. This situation often occurs in
synchronous rectifier applications because the body diode is
generally conducting before the MOSFET is switched on.
The output pin slew rate is determined by VDD voltage and
the load on the output. It is not user adjustable, but a series
resistor can be added if a slower rise or fall time at the
MOSFET gate is needed.
Input
stage
VDD
VOUT
Figure 46. Miller Drive Output Architecture
Under−Voltage Lockout (UVLO)
The FAN312x startup logic is optimized to drive
ground−referenced N−channel MOSFETs with an
under−voltage lockout (UVLO) function to ensure that the
IC starts in an orderly fashion. When VDD is rising, yet
below the 4.0 V operational level, this circuit holds the
output low, regardless of the status of the input pins. After
the part is active, the supply voltage must drop 0.25 V before
the part shuts down. This hysteresis helps prevent chatter
when low VDD supply voltages have noise from the power
switching. This configuration is not suitable for driving
high−side P−channel MOSFETs because the low output
voltage of the driver would turn the P−channel MOSFET on
with VDD below 4.0 V.
VDD Bypassing and Layout Considerations
The FAN3121 and FAN3122 are available in either 8−lead
SOIC or MLP packages. In either package, the VDD pins 1
and 8 and the GND pins 4 and 5 should be connected
together on the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com