Electronic Components Datasheet Search
  English  ▼

X  

FAN3121CMPX Datasheet(PDF) 3 Page - ON Semiconductor

Part # FAN3121CMPX
Description  Single 9-A High-Speed,Low-Side Gate Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3121CMPX Datasheet(HTML) 3 Page - ON Semiconductor

  FAN3121CMPX Datasheet HTML 1Page - ON Semiconductor FAN3121CMPX Datasheet HTML 2Page - ON Semiconductor FAN3121CMPX Datasheet HTML 3Page - ON Semiconductor FAN3121CMPX Datasheet HTML 4Page - ON Semiconductor FAN3121CMPX Datasheet HTML 5Page - ON Semiconductor FAN3121CMPX Datasheet HTML 6Page - ON Semiconductor FAN3121CMPX Datasheet HTML 7Page - ON Semiconductor FAN3121CMPX Datasheet HTML 8Page - ON Semiconductor FAN3121CMPX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
FAN3121, FAN3122
www.onsemi.com
3
PIN DEFINITIONS
FAN3121
FAN3122
Name
Description
3
3
EN
Enable Input. Pull pin LOW to inhibit driver. EN has logic thresholds for both TTL and CMOS IN
thresholds.
4, 5
4, 5
GND
Ground. Common ground reference for input and output circuits.
2
2
IN
Input.
6, 7
OUT
Gate Drive Output. Held LOW unless required input is present and VDD is above the UVLO threshold.
6, 7
OUT
Gate Drive Output (inverted from the input). Held LOW unless required input is present and VDD is
above the UVLO threshold.
1, 8
1, 8
VDD
Supply Voltage. Provides power to the IC.
P1
Thermal Pad (MLP only). Exposed metal on the bottom of the package; may be left floating or
connected to GND; NOT suitable for carrying current.
1
2
3
6
7
8
4
5
VDD
GND
EN
IN
VDD
OUT
GND
OUT
1
2
3
6
7
8
4
5
EN
IN
VDD
GND
VDD
GND
OUT
OUT
Figure 5. FAN3121 Pin Assignments (Repeated)
Figure 6. FAN3122 Pin Assignments (Repeated)
OUTPUT LOGIC
FAN3121
EN
IN
OUT
0
0
0
0
1 (Note 7)
0
1 (Note 7)
0
1
1 (Note 7)
1 (Note 7)
0
7. Default input signal if no external connection is made.
FAN3122
EN
IN
OUT
0
0 (Note 7)
0
0
1
0
1 (Note 7)
0 (Note 7)
0
1 (Note 7)
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com