Electronic Components Datasheet Search
  English  ▼

X  

LM4050 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # LM4050
Description  50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM4050 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button LM4050 Datasheet HTML 4Page - Maxim Integrated Products LM4050 Datasheet HTML 5Page - Maxim Integrated Products LM4050 Datasheet HTML 6Page - Maxim Integrated Products LM4050 Datasheet HTML 7Page - Maxim Integrated Products LM4050 Datasheet HTML 8Page - Maxim Integrated Products LM4050 Datasheet HTML 9Page - Maxim Integrated Products LM4050 Datasheet HTML 10Page - Maxim Integrated Products LM4050 Datasheet HTML 11Page - Maxim Integrated Products LM4050 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
50ppm/°C Precision Micropower Shunt Voltage
References with Multiple Reverse Breakdown Voltages
8
_______________________________________________________________________________________
OUTPUT VOLTAGE vs. TEMPERATURE
(VOUT = 2.500V)
TEMPERATURE (
°C)
110
85
60
35
10
-15
2.492
2.494
2.496
2.498
2.490
-40
135
OUTPUT VOLTAGE vs. TEMPERATURE
(VOUT = 5.000V)
TEMPERATURE (
°C)
110
85
-15
103560
4.989
4.991
4.993
4.995
4.997
4.999
5.001
5.003
4.987
-40
135
Typical Operating Characteristics
(IR = 100µA, SC70-3 package, TA = +25°C, unless otherwise noted.)
0
1
2
3
4
5
6
050
100
REVERSE CHARACTERISTICS AND
MINIMUM OPERATING CURRENT
REVERSE CURRENT (
µA)
LM4050_I_3-5.0
LM4050_I_3-4.1
LM4050_I_3-3.0
LM4050_I_3-2.5
LM4050_I_3-2.1
LM4050-5.0V
REVERSE VOLTAGE vs. ISHUNT
ISHUNT (mA)
15
10
5
1
2
3
4
5
6
0
020
TA = -40
°C
TA = +125
°C
TA = +85
°C
TA = +25
°C
LM4050-2.5V
REVERSE VOLTAGE vs. ISHUNT
ISHUNT (mA)
15
10
5
1
2
3
4
5
0
020
TA = +125
°C
TA = -40
°C
TA = +25
°C
TA = +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com