Electronic Components Datasheet Search
  English  ▼

X  

LM4050 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # LM4050
Description  50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM4050 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button LM4050 Datasheet HTML 5Page - Maxim Integrated Products LM4050 Datasheet HTML 6Page - Maxim Integrated Products LM4050 Datasheet HTML 7Page - Maxim Integrated Products LM4050 Datasheet HTML 8Page - Maxim Integrated Products LM4050 Datasheet HTML 9Page - Maxim Integrated Products LM4050 Datasheet HTML 10Page - Maxim Integrated Products LM4050 Datasheet HTML 11Page - Maxim Integrated Products LM4050 Datasheet HTML 12Page - Maxim Integrated Products LM4050 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
50ppm/°C Precision Micropower Shunt Voltage
References with Multiple Reverse Breakdown Voltages
_______________________________________________________________________________________
9
+25
µA
-25
µA
10mV/div
LM4050-5.0V
LOAD-TRANSIENT RESPONSE
LM4050 toc07
40
µs/div
ISHUNT = 100
µA ± 25µA
RL = 100k
Ω, SEE FIGURE 1.
+250
µA
-250
µA
10mV/div
LM4050-2.5V
LOAD-TRANSIENT RESPONSE
LM4050 toc08
10
µs/div
ISHUNT = 1mA
± 250µA
RL = 10k
Ω, SEE FIGURE 1.
Typical Operating Characteristics (continued)
(IR = 100µA, SC70-3 package, TA = +25°C, unless otherwise noted.)
+25
µA
-25
µA
2mV/div
LM4050-2.5V
LOAD-TRANSIENT RESPONSE
LM4050 toc06
10
µs/div
CH1: VGEN 2V/div
CH2: VR AC-COUPLED 2mV/div
ISHUNT = 100
µA ± 25µA, RL = 100kΩ, SEE FIGURE 1.
+2.5mA
-2.5mA
20mV/div
LM4050-2.5V
LOAD-TRANSIENT RESPONSE
LM4050 toc10
10
µs/div
ISHUNT = 10mA
± 2.5mA
RL = 1k
Ω, SEE FIGURE 1.
+2.5mA
-2.5mA
20mV/div
LM4050-5.0V
LOAD-TRANSIENT RESPONSE
LM4050 toc11
10
µs/div
ISHUNT = 10mA
± 2.5mA
RL = 1k
Ω, SEE FIGURE 1.
+250
µA
-250
µA
10mV/div
LM4050-5.0V
LOAD-TRANSIENT RESPONSE
LM4050 toc09
10
µs/div
ISHUNT = 1mA
± 250µA
RL = 10k
Ω, SEE FIGURE 1.
1k
Ω
VB
+
-
ISHUNT
VR
RL
VGEN
Figure 1. Load-Transient Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com