Electronic Components Datasheet Search
  English  ▼

X  

ORD229 Datasheet(PDF) 4 Page - Standex Electronics, Inc.

Part # ORD229
Description  ORD229 Reed Switch High breakdown voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

ORD229 Datasheet(HTML) 4 Page - Standex Electronics, Inc.

  ORD229 Datasheet HTML 1Page - Standex Electronics, Inc. ORD229 Datasheet HTML 2Page - Standex Electronics, Inc. ORD229 Datasheet HTML 3Page - Standex Electronics, Inc. ORD229 Datasheet HTML 4Page - Standex Electronics, Inc. ORD229 Datasheet HTML 5Page - Standex Electronics, Inc. ORD229 Datasheet HTML 6Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
USA: +1 866.782.6339 | salesusa@standexelectronics.com
EMEA: +49 7731/8399-0 | info@standexelectronics.com
APAC: +81 42/6980026 | sej-sales@standex.co.jp
standexelectronics.com
Datasheet
Version 01
Feb 2022
Page 4
Lead tensile test (static load)
Lead tensile strength
Temperature characteristics
ORD229 Reed Switch
MECHANICAL CHARACTERISTICS
ENVIRONMENTAL CHARACTERISTICS
Parameter
Rated Value
Unit
Temperature range
-40 to +125
℃
Shock (11ms)
294(30G)
m/s2
Vibration (10~2000Hz)
196(20G)
m/s2
Lead tensile strength
19.6(2.0kgf)
N



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com