Electronic Components Datasheet Search
  English  ▼

X  

ORD229 Datasheet(PDF) 1 Page - Standex Electronics, Inc.

Part # ORD229
Description  ORD229 Reed Switch High breakdown voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

ORD229 Datasheet(HTML) 1 Page - Standex Electronics, Inc.

  ORD229 Datasheet HTML 1Page - Standex Electronics, Inc. ORD229 Datasheet HTML 2Page - Standex Electronics, Inc. ORD229 Datasheet HTML 3Page - Standex Electronics, Inc. ORD229 Datasheet HTML 4Page - Standex Electronics, Inc. ORD229 Datasheet HTML 5Page - Standex Electronics, Inc. ORD229 Datasheet HTML 6Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
USA: +1 866.782.6339 | salesusa@standexelectronics.com
EMEA: +49 7731/8399-0 | info@standexelectronics.com
APAC: +81 42/6980026 | sej-sales@standex.co.jp
standexelectronics.com
Datasheet
Version 01
Feb 2022
Page 1
ORD229 Reed Switch
Applications
• Automotive electronic devices
• Control equipment
• Communication equipment
• Measurement equipment
• Household appliances
Dimensions (mm)
O R D 229
High breakdown voltage
The ORD229 is a single-contact, high power reed switch (70VA AC or 50W
DC) designed for high breakdown voltages up to 600V DC.
High breakdown voltage
Hermetically sealed within a glass tube with inert gas,
reed contacts are not influenced by the external
atmospheric environment.
Quick response
Comprising of operating parts and electrical parts
arranged coaxially, reed switches are suited to high-
frequency applications.
Compact and light weight.
Superior corrosion resistance and wear resistance of the
contacts assures stable switching operation and long life.
Economically and easily becomes a proximity switch
when paired with a magnet.
Features
Electrical Characteristics
Parameter
Rated Value
Unit
Operate Time (max.)
0.6
ms
Bounce Time (max.)
0.5
ms
Release Time (max.)
0.05
ms
Resonant Frequency
2500±250
Hz
Operating Frequency (max.)
500
Hz
Operating Characteristics
Parameter
Rated Value
Unit
Pull-in Value (PI)
20 to 60
AT
Drop-out Value (DO) (min.)
6
AT
Contact Resistance (CR) (max.)
100
mOhm
Breakdown Voltage (min.)
600(PI≧35),
500(20≦PI<35)
VDC
Insulation Resistance (min.)
1010
Ohm
Electrostatic Capacitance (max.)
0.5
pF
Contact Rating
50DC
W
70AC
VA
Maximum Switching Voltage (max.)
350DC/300AC
V
Maximum Switching Current (max.)
0.7DC/0.5AC
A
Maximum Carry Current (max.)
2.5
A
55.4±0.3
MAX 21.0
ø0.6
MAX ø2.75


Similar Part No. - ORD229

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
ORD229 MEDER-ORD229 Datasheet
86Kb / 8P
REED SWITCH
logo
OKI electronic componet...
ORD229 OKI-ORD229 Datasheet
86Kb / 8P
REED SWITCH
logo
Comus International
ORD229 COMUS-ORD229 Datasheet
76Kb / 1P
Reed Switch - Miniature - Normally Open Contacts
More results

Similar Description - ORD229

ManufacturerPart #DatasheetDescription
logo
Reed Relays and Electro...
HB-2232-L RRE-HB-2232-L Datasheet
102Kb / 1P
Reed Switch with High Breakdown
logo
PIC GmbH
HSR-V7K PIC-HSR-V7K Datasheet
26Kb / 1P
High Voltage Reed Switch
HSR-V10K PIC-HSR-V10K Datasheet
26Kb / 1P
High Voltage Reed Switch
HSR-V15K PIC-HSR-V15K Datasheet
26Kb / 1P
High Voltage Reed Switch
logo
MAKO SEMICONDUCTOR CO.,...
MMBTA42 MAKOSEMI-MMBTA42 Datasheet
97Kb / 2P
High breakdown voltage
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
High breakdown voltage
HDPE15U60G SEMIHOW-HDPE15U60G Datasheet
503Kb / 3P
High breakdown voltage
HDS20U30GW SEMIHOW-HDS20U30GW Datasheet
410Kb / 3P
High Breakdown Voltage
logo
Shanghai Leiditech Elec...
MMBTA42 LEIDITECH-MMBTA42 Datasheet
1Mb / 3P
High breakdown voltage
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com