Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 177 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 177 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 173Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 174Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 175Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 176Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 177Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 178Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 179Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 180Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 181Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
4-5
Figure 4-4. TMCNT Block Diagram
Section 4.3.2.15, “Time Counter Register (TMCNT),” describes the time counter register.
4.1.4
Periodic Interrupt Timer (PIT)
The periodic interrupt timer consists of a 16-bit counter clocked by timersclk. The 16-bit counter
decrements to zero when loaded with a value from the periodic interrupt timer count register (PITC); after
the timer reaches zero, PISCR[PS] is set and an interrupt is generated if PISCR[PIE] = 1. At the next input
clock edge, the value in the PITC is loaded into the counter and the process repeats. When a new value is
loaded into the PITC, the PIT is updated, the divider is reset, and the counter begins counting.
Setting PS creates a pending interrupt that remains pending until PS is cleared. If PS is set again before
being cleared, the interrupt remains pending until PS is cleared. Any write to the PITC stops the current
countdown and the count resumes with the new value in PITC. If PTE = 0, the PIT cannot count and retains
the old count value. The PIT is not affected by reads. Figure 4-5 is a block diagram of the PIT.
Figure 4-5. PIT Block Diagram
The time-out period is calculated as follows:
This gives a range from 122 µs (PITC = 0x0000) to 8 seconds (PITC = 0xFFFF).
Divide
32-Bit Counter
32-Bit Register
SEC
Alarm
=
Interrupt
Interrupt
by 8,192
timersclk for TMCNT (8,192 Hz)
Clock
PITC
timersclk
PISCR[PS]
PISCR[PIE]
PIT
PISCR[PTE]
Disable
for PIT
16-Bit Modulus
Interrupt
Counter
PITperiod
PITC 1
+
F
timersclk
------------------------------------ PITC 1
+
8192
-------------------------
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com