Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 178 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 178 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 174Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 175Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 176Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 177Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 178Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 179Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 180Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 181Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 182Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
4-6
Freescale Semiconductor
4.1.5
Software Watchdog Timer
The SIU provides the software watchdog timer option to prevent system lock in case the software becomes
trapped in loops with no controlled exit. Watchdog timer operations are configured in the SYPCR,
described in Section 4.3.2.8, “System Protection Control Register (SYPCR).”
The software watchdog timer is enabled after reset to cause a hard reset if it times out. If the software
watchdog timer is not needed, the user must clear SYPCR[SWE] to disable it. If used, the software
watchdog timer requires a special service sequence to be executed periodically. Without this periodic
servicing, the software watchdog timer times out and issues a reset or a nonmaskable interrupt,
programmed in SYPCR[SWRI]. Once software writes SWRI, the state of SWE cannot be changed.
The software watchdog timer service sequence consists of the following two steps:
1. Write 0x556C to the software service register (SWSR)
2. Write 0xAA39 to SWSR
The service sequence clears the watchdog timer and the timing process begins again. If a value other than
0x556C or 0xAA39 is written to the SWSR, the entire sequence must start over. Although the writes must
occur in the correct order before a time-out, any number of instructions can be executed between the
writes. This allows interrupts and exceptions to occur between the two writes when necessary. Figure 4-6
shows a state diagram for the watchdog timer.
Figure 4-6. Software Watchdog Timer Service State Diagram
Although most software disciplines permit or even encourage the watchdog concept, some systems require
a selection of time-out periods. For this reason, the software watchdog timer must provide a selectable
range for the time-out period. Figure 4-7 shows how to handle this need.
0x556C/Don’t reload
Reset
0xAA39/Reload
State 0
Waiting for 0x556C
State 1
Waiting for 0xAA39
Not 0xAA39/Don’t reload
Not 0x556C/Don’t reload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com